Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 8 Page - ams AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3418 Datasheet(HTML) 8 Page - ams AG

Back Button AS3418 Datasheet HTML 4Page - ams AG AS3418 Datasheet HTML 5Page - ams AG AS3418 Datasheet HTML 6Page - ams AG AS3418 Datasheet HTML 7Page - ams AG AS3418 Datasheet HTML 8Page - ams AG AS3418 Datasheet HTML 9Page - ams AG AS3418 Datasheet HTML 10Page - ams AG AS3418 Datasheet HTML 11Page - ams AG AS3418 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 77 page
background image
Document Feedback
AS3418
Pin Assignment
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 8
Pin Number
Pin Name
Pin Type
(1)
Description
E2
QMICL
ANA OUT
ANC microphone preamplifier output - left channel
E3
MICL
ANA IN
ANC microphone preamplifier input - left channel
E4
MICS
SUP OUT
Microphone Supply output to source analog ECM
via a bias resistor or MEMs microphones. This pin
needs an output blocking capacitor with 4.7µF.
E5
MSUP
SUP IN/OUT
In default configuration a charge pump output that
provides the power for the low noise microphone
supply LDO. The internal charge pump can also be
disabled the MSUP serves as a supply input
terminal to source the low noise microphone supply
LDO.
E6
ILED
ANA IN
Current sink input for on-indication LED. The
Cathode of an LED can be directly connected to this
terminal without the need of an external current
limitation resistor.
(1)
Explanation of abbreviations:
ANA IN
Analog Input
ANA OUT
Analog Output
DIG IN
Digital Input
SUP IN/OUT
Supply input or supply output pad
SUP IN
Supply input terminal
SUP OUT
Supply output terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com