Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 53 Page - ams AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3418 Datasheet(HTML) 53 Page - ams AG

Back Button AS3418 Datasheet HTML 49Page - ams AG AS3418 Datasheet HTML 50Page - ams AG AS3418 Datasheet HTML 51Page - ams AG AS3418 Datasheet HTML 52Page - ams AG AS3418 Datasheet HTML 53Page - ams AG AS3418 Datasheet HTML 54Page - ams AG AS3418 Datasheet HTML 55Page - ams AG AS3418 Datasheet HTML 56Page - ams AG AS3418 Datasheet HTML 57Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 77 page
background image
Document Feedback
AS3418
Register Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 53
Addr: 0x04
MICS_VOLTAGE
Bit
Bit Name
Default
Access
Bit Description
3:0
MICS_V_SEL
1011
R/W
This register controls the output voltage of the
integrated microphone supply regulator.
0000: 1.6V
0001: 1.7V
0010: 1.8V
0011: 1.9V
0100: 2.0V
0101: 2.1V
0110: 2.2V
0111: 2.3V
1000: 2.4V
1001: 2.5V
1010: 2.6V
1011: 2.7V(default)
1100: 2.8V
1101: 2.9V
1110: Do not use
…
1111: Do not use
Figure 72:
PUSH_DELAY Register Description
Addr: 0x05
PUSH_DELAY
Bit
Bit Name
Default
Access
Bit Description
5:3
PWR_DOWN_
BUT_TIME
111
R/W
This register controls the hold time for the push
button in order to power down the AS3418.
Depending on the register setting the power down
push button time can be programmed accordingly.
This delay is applied for button, slider and full slider
mode.
000: 5ms
001: 500ms
010: 1000ms
011: 1500ms
100: 2000ms
101: 2500ms
110: 2500ms
111: 2500ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com