Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 37 Page - ams AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3418 Datasheet(HTML) 37 Page - ams AG

Back Button AS3418 Datasheet HTML 33Page - ams AG AS3418 Datasheet HTML 34Page - ams AG AS3418 Datasheet HTML 35Page - ams AG AS3418 Datasheet HTML 36Page - ams AG AS3418 Datasheet HTML 37Page - ams AG AS3418 Datasheet HTML 38Page - ams AG AS3418 Datasheet HTML 39Page - ams AG AS3418 Datasheet HTML 40Page - ams AG AS3418 Datasheet HTML 41Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 77 page
background image
Document Feedback
AS3418
Functional Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 37
Figure 47:
Push Button Mode
Figure 48:
Push Button Timing Diagram
6.8.4
Playback Only Mode
The active noise cancelling feature of the AS3418 can also be disabled with the ANC/CSDA pin. The
ANC/CSDA pin has to be pulled high to enable the ANC function during startup (ANC MODE). If the
pin is connected to ground, the chip enters playback only mode (PBO MODE) in which the ANC
function can be disabled or an alternative monitor/ANC mode is configured. The functional blocks in
this operation mode can be controlled in registers PBO_MODE0 and PBO_MODE1. Typically only the
line input amplifiers and the headphone amplifier are enabled in the playback only mode. If this
function is not desired you just need to pull the pin high with an external
22kΩ resistor.
MODE/CSCL
ANC/CSDA
Control Logic
VBAT
ANC
PBO
S2
22k
ON/OFF/MONITOR
S4
MODE/CSCL Pin
OFF
ANC
MONITOR
ANC
OFF
> PWR_UP_BUT_TIME
>65% VBAT
<35% VBAT
Operation Mode
> MON_TIME
>PWR_DOWN_BUT_TIME
> MON_TIME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com