Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 36 Page - ams AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3418 Datasheet(HTML) 36 Page - ams AG

Back Button AS3418 Datasheet HTML 32Page - ams AG AS3418 Datasheet HTML 33Page - ams AG AS3418 Datasheet HTML 34Page - ams AG AS3418 Datasheet HTML 35Page - ams AG AS3418 Datasheet HTML 36Page - ams AG AS3418 Datasheet HTML 37Page - ams AG AS3418 Datasheet HTML 38Page - ams AG AS3418 Datasheet HTML 39Page - ams AG AS3418 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 77 page
background image
Document Feedback
AS3418
Functional Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 36
Figure 45:
Slider Mode
The advantage of this mode compared to Full Slider Mode is the automatic hold function of the
Monitor Mode. Once the push button S3 is pressed, the device enters monitor mode. This mode stays
active until the user pushes the button again.
Figure 46:
Slider Mode Timing Diagram
6.8.3
Push Button Mode
Push Button mode allows the user to control the device with a single normally open (NO) push button.
A simple key press (>PWR_UP_BUT_TIME) powers up the AS3418. Once the device is running, a
long key press (>PWR_DOWN_BUT_TIME) the device down. The device features two configuration
registers (PWR_UP_BUT_TIME and PWR_DOWN_BUT_TIME) that allows the user to re-configure
the power up- and power down button press time. Monitor Mode can be activated with a second, short
key press. To avoid unwanted change of operation mode it is also possible to configure the button
press time (MON_TIME) to enter monitor mode. A timing diagram of this function is shown in Figure
48. If the monitor mode function is not desired, it is possible to deactivate the monitor mode by
clearing the bit MON_EN in register 0x0F. The typical connection of the push button to the AS3418 is
shown in Figure 47.
MODE/CSCL
ANC/CSDA
Control Logic
VBAT
22kΩ
ON
OFF
ANC
PBO
S1
S2
22kΩ
MONITOR
S3
MODE/CSCL Pin
OFF
ON
MONITOR
ON
OFF
>=1.65V
VBAT
45% - 55% VBAT
Operation Mode
<0.3V
> PWR_UP_BUT_TIME
> MON_TIME
> MON_TIME
> SHUTDOWN_DELAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com