Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2182 Datasheet(PDF) 18 Page - Microchip Technology

Part # MIC2182
Description  High-Efficiency Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2182 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MIC2182 Datasheet HTML 14Page - Microchip Technology MIC2182 Datasheet HTML 15Page - Microchip Technology MIC2182 Datasheet HTML 16Page - Microchip Technology MIC2182 Datasheet HTML 17Page - Microchip Technology MIC2182 Datasheet HTML 18Page - Microchip Technology MIC2182 Datasheet HTML 19Page - Microchip Technology MIC2182 Datasheet HTML 20Page - Microchip Technology MIC2182 Datasheet HTML 21Page - Microchip Technology MIC2182 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
MIC2182
DS20006644A-page 18
2022 Microchip Technology Inc. and its subsidiaries
floats high while continuing to keep the high-side
MOSFET on. When the low-side switch is turned back
on, CBST is recharged through D2.
The drive voltage is derived from the internal 5V VDD
bias supply. The nominal low-side gate drive voltage is
5V and the nominal high-side gate drive voltage is
approximately 4.5V due the voltage drop across D2. A
fixed 80 ns delay between the high-side and low-side
driver transitions is used to prevent current from
simultaneously flowing unimpeded through both
MOSFETs.
4.5
Oscillator and Sync
The internal oscillator is free running and requires no
external components. The nominal oscillator frequency
is 300 kHz. If the output voltage is below approximately
0.95V, the oscillator operates in a frequency-foldback
mode and the switching frequency is reduced to
60 kHz.
The SYNC input (Pin 5) allows the MIC2182 to
synchronize with an external clock signal. The rising
edge of the sync signal generates a reset signal in the
oscillator, which turns off the low-side gate drive output.
The high-side drive then turns on, restarting the
switching cycle. The sync signal is inhibited when the
controller operates in skip mode or during frequency
foldback. The sync signal frequency must be greater
than the maximum specified free running frequency of
the MIC2182. If the synchronizing frequency is lower,
double pulsing of the gate drive outputs will occur.
When not used, the sync pin must be connected to
ground.
Figure 4-8 shows the timing between the external sync
signal (trace 2), the low-side drive (trace 1) and the
high-side drive (trace R1). There is a delay of
approximately 250 ns between the rising edge of the
external sync signal and turnoff of the low-side
MOSFET gate drive.
Some concerns of operating at higher frequencies are:
• Higher power dissipation in the internal VDD
regulator. This occurs because the MOSFET
gates require charge to turn on the device. The
average current required by the MOSFET gate
increases with switching frequency. This
increases the power dissipated by the internal
VDD regulator. Figure 4-9 and Figure 4-10 shows
the total gate charge which can be driven by the
MIC2182 over the input voltage range, for
different values of switching frequency. The total
gate charge includes both the high-side and
low-side MOSFETs. The larger SOIC package is
capable of dissipating more power than the SSOP
package and can drive larger MOSFETs with
higher gate drive requirements.
FIGURE 4-8:
Sync Waveforms.
• Reduced maximum duty cycle due to switching
transition times and constant delay times in the
controller. As the switching frequency increased,
the switching period decreases. The switching
transition times and constant delays in the
MIC2182 start to become noticeable. The effect is
to reduce the maximum duty cycle of the
controller. This will cause the minimum input to
output differential voltage (dropout voltage) to
increase.
FIGURE 4-9:
SOIC Package Device
MOSFET Gate Charge Driving Ability vs. Input
Voltage.
FIGURE 4-10:
SSOP Package Device
MOSFET Gate Charge Driving Ability vs. Input
Voltage.
TIME
0
20
40
60
80
100
0
4
8
1216 2024 2832
SUPPLY VOLTAGE (V)
400kHz
300kHz
500kHz
SOIC
0
20
40
60
80
100
0
4
8
1216 2024 2832
SUPPLY VOLTAGE (V)
SSOP
400kHz
300kHz
500kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com