Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2182 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC2182
Description  High-Efficiency Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2182 Datasheet(HTML) 3 Page - Microchip Technology

  MIC2182 Datasheet HTML 1Page - Microchip Technology MIC2182 Datasheet HTML 2Page - Microchip Technology MIC2182 Datasheet HTML 3Page - Microchip Technology MIC2182 Datasheet HTML 4Page - Microchip Technology MIC2182 Datasheet HTML 5Page - Microchip Technology MIC2182 Datasheet HTML 6Page - Microchip Technology MIC2182 Datasheet HTML 7Page - Microchip Technology MIC2182 Datasheet HTML 8Page - Microchip Technology MIC2182 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006644A-page 3
MIC2182
Block Diagrams
Adjustable Output Voltage Version
Fixed Output Voltage Version
SGND
gm = 0.2mS
Low
Comp
Current
Limit
Skip-Mode
Current
Limit
PWM Mode
to Skip
Mode
Hysteresis
Comp
0.07V
–2%VBG
Error
Amp
Control
Logic
VIN
VDD
PWM
CORRECTIVE
RAMP
RESET
Reference
Oscillator
0.024V
EN/UVLO
6
11
14
10
16
15
13
12
8
9
7
4
1
2
5
3
SS
PWM
SYNC
COMP
100k
MIC2182 [adj.]
FB
R2
R1
VOUT
CSH
VDD
VBST
CIN
VIN
HSD
Q2
Q1
D1
D2
CBST
COUT
VIN
VOUT
L1
VSW
LSD
PGND
CCOMP
RCOMP
4.7
μF
AV = 2
Current
Sense
Amp
RCS
V
OUT = 1.245
R1
R2
1+
( )
V
OUT(MAX) = 6.0V
Low
Comp
Current
Limit
Skip-Mode
Current
Limit
Hysteresis
Comp
0.07V
–2%VBG
Error
Amp
Control
Logic
VIN
VDD
PWM
CORRECTIVE
RAMP
RESET
Reference
Oscillator
0.024V
EN/UVLO
6
11
14
10
16
15
13
12
8
9
4
7
1
2
5
3
SS
PWM
SYNC
COMP
VREF
100k
gm = 0.2mS
MIC2182-x.x
SGND
R2
50k
R1*
VOUT
CSH
VDD
VBST
CIN
VIN
HSD
Q2
Q1
D1
D2
CBST
RCS
COUT
VIN
VOUT
L1
VSW
LSD
PGND
CCOMP
RCOMP
4.7
μF
* 82.5k for 3.3V Output
150k for 5V Output
AV = 2
Current
Sense
Amp
PWM Mode
to Skip
Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com