Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2182 Datasheet(PDF) 30 Page - Microchip Technology

Part # MIC2182
Description  High-Efficiency Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2182 Datasheet(HTML) 30 Page - Microchip Technology

Back Button MIC2182 Datasheet HTML 26Page - Microchip Technology MIC2182 Datasheet HTML 27Page - Microchip Technology MIC2182 Datasheet HTML 28Page - Microchip Technology MIC2182 Datasheet HTML 29Page - Microchip Technology MIC2182 Datasheet HTML 30Page - Microchip Technology MIC2182 Datasheet HTML 31Page - Microchip Technology MIC2182 Datasheet HTML 32Page - Microchip Technology MIC2182 Datasheet HTML 33Page - Microchip Technology MIC2182 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
MIC2182
DS20006644A-page 30
2022 Microchip Technology Inc. and its subsidiaries
5.11 PCB Layout and Checklist
PCB layout is critical to achieve reliable, stable and
efficient performance. A ground plane is required to
control EMI and minimize the inductance in power and
signal return paths.
The following guidelines should be followed to insure
proper operation of the circuit.
• Signal and power grounds should be kept
separate and connected at only one location.
Large currents or high di/dt signals that occur
when the MOSFETs turn on and off must be kept
away from the small signal connections.
• The connection between the current-sense
resistor and the MIC2182 current-sense inputs
(Pins 8 and 9) should have separate traces,
routed from the terminals directly to the IC pins.
The traces should be routed as closely as
possible to each other and their length should be
minimized. Avoid running the traces under the
inductor and other switching components. A 1 nF
to 0.1 µF capacitor placed between Pins 8 and 9
will help attenuate switching noise on the current
sense traces. This capacitor should be placed
close to Pins 8 and 9.
• When the high-side MOSFET is switched on, the
critical flow of current is from the input capacitor
through the MOSFET, inductor, sense resistor,
output capacitor, and back to the input capacitor.
These paths must be made with short, wide
pieces of trace. It is good practice to locate the
ground terminals of the input and output
capacitors close to each other.
• When the low-side MOSFET is switched on,
current flows through the inductor, sense resistor,
output capacitor, and MOSFET. The source of the
low-side MOSFET should be located close to the
output capacitor.
• The freewheeling diode, D1 in the Block
Diagrams, conducts current during the dead time,
when both MOSFETs are off. The anode of the
diode should be located close to the output
capacitor ground terminal and the cathode should
be located close to the input side of the inductor.
• The 4.7 µF capacitor, which connects to the VDD
terminal (Pin 11) must be located right at the IC.
The VDD terminal is very noise sensitive and
placement of this capacitor is very critical.
Connections must be made with wide trace. The
capacitor may be located on the bottom layer of
the board and connected to the IC with multiple
vias.
• The VIN bypass capacitor should be located close
to the IC and connected between Pins 10 and 12.
Connections should be made with a ground and
power plane or with short, wide trace.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com