Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2182 Datasheet(PDF) 16 Page - Microchip Technology

Part # MIC2182
Description  High-Efficiency Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2182 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MIC2182 Datasheet HTML 12Page - Microchip Technology MIC2182 Datasheet HTML 13Page - Microchip Technology MIC2182 Datasheet HTML 14Page - Microchip Technology MIC2182 Datasheet HTML 15Page - Microchip Technology MIC2182 Datasheet HTML 16Page - Microchip Technology MIC2182 Datasheet HTML 17Page - Microchip Technology MIC2182 Datasheet HTML 18Page - Microchip Technology MIC2182 Datasheet HTML 19Page - Microchip Technology MIC2182 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
MIC2182
DS20006644A-page 16
2022 Microchip Technology Inc. and its subsidiaries
FIGURE 4-5:
Efficiency.
4.1.4
SWITCHING FROM PWM TO SKIP
MODE
The current sense amplifier in Figure 4-1 monitors the
average voltage across the current-sense resistor. The
controller will switch from PWM to skip mode when the
average voltage across the current-sense resistor
drops below approximately 12 mV if the PWM/Skip
mode selection is set to automatic. This is shown in
Figure 4-6. The average output current at this transition
level for is calculated below.
EQUATION 4-2:
4.1.5
SWITCHING FROM SKIP TO PWM
MODE
The frequency of occurrence of the skip-mode current
pulses increase as the output current increases until
the hysteretic duty cycle reaches full CCM duty cycle
(continuous pulses). Increasing the current past this
point will cause the output voltage to drop. The low limit
comparator senses the output voltage when it drops
below 2% of the set output and automatically switches
the converter to PWM mode.
The inductor current in skip mode is a triangular wave
shape a minimum value of 0 and a maximum value of
35 mV/RCS (see Figure 4-7). The maximum average
output current in skip mode is the average value of the
inductor waveform:
EQUATION 4-3:
The PWM pin (Pin 2) is the PWM/Skip mode selection
pin. When the PWM pin is logic level low, the device is
set in forced PWM operation. A capacitor (typically
1 nF) connected across the PWM pin and ground sets
the device to automatic PWM/Skip selection according
to the output current level.
The capacitor on the PWM pin (Pin 2) is discharged
when the IC transitions from skip to PWM mode. This
forces the IC to remain in PWM mode for a fixed period
of time. The added delay prevents unwanted switching
between PWM and skip mode. The capacitor is
charged with a 10 µA current source on Pin 2. The
threshold on Pin 2 is 2.5V. The delay for a typical 1 nF
capacitor is:
EQUATION 4-4:
4.2
Current Limit
The current-limit circuit operates during PWM mode.
The output current is detected by the voltage drop
across the external current-sense resistor (RCS in the
Block Diagrams). The current-limit threshold voltage is
100 mV +35 mV/–25 mV. The current-sense resistor
must be sized using the minimum current-limit
threshold voltage. The external components must be
designed to withstand the maximum current limit. The
current-sense resistor value is calculated by the
equation below:
EQUATION 4-5:
0
20
40
60
80
100
0.01
0.1
1
10
100
OUTPUT CURRENT (A)
Skip
PW M
IOUT MINPWM
0.012V
RCS
-----------------
=
Where:
0.012V = Threshold Voltage of the Internal
Comparator
RCS =
Current-Sense Resistor Value
IOUT MAXSKIP
0.5 35mV
RCS
--------------
=
tDELAY
CPWM VTH_MODESEL
IPWM_SRC
--------------------------------------------------------
1nF 2.5V
10A
----------------------------
250s
=
=
=
Where:
CPWM = Capacitor connected to Pin 2.
VTH_MODESEL = Mode selection threshold voltage
(2.5V typ.)
IPWM_SRC = PWM pin source current (10 µA typ.)
RCS
75mV
IOUT MAX
--------------------------
Where:
IOUT(MAX) = Target maximum output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com