Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2182 Datasheet(PDF) 26 Page - Microchip Technology

Part # MIC2182
Description  High-Efficiency Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2182 Datasheet(HTML) 26 Page - Microchip Technology

Back Button MIC2182 Datasheet HTML 22Page - Microchip Technology MIC2182 Datasheet HTML 23Page - Microchip Technology MIC2182 Datasheet HTML 24Page - Microchip Technology MIC2182 Datasheet HTML 25Page - Microchip Technology MIC2182 Datasheet HTML 26Page - Microchip Technology MIC2182 Datasheet HTML 27Page - Microchip Technology MIC2182 Datasheet HTML 28Page - Microchip Technology MIC2182 Datasheet HTML 29Page - Microchip Technology MIC2182 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
MIC2182
DS20006644A-page 26
2022 Microchip Technology Inc. and its subsidiaries
The output voltage is determined by the equation:
EQUATION 5-33:
A typical value of R1 can be between 3 kΩ and 10 kΩ.
If R1 is too large, it may allow noise to be introduced
into the voltage feedback loop. If R1 is too small in
value, it will decrease the efficiency of the buck
converter, especially at low output loads.
Once R1 is selected, R2 can be calculated using:
EQUATION 5-34:
5.7.1
VOLTAGE DIVIDER POWER
DISSIPATION
The reference voltage and R2 set the current through
the voltage divider.
EQUATION 5-35:
The power dissipated by the divider resistors is:
EQUATION 5-36:
5.8
Efficiency Calculation and
Considerations
Efficiency is the ratio of output power to input power.
The difference is dissipated as heat in the buck
converter. Under light output load, the significant
contributors are:
• Supply current to the MIC2182
• MOSFET gate-charge power (included in the IC
supply current)
• Core losses in the output inductor
To maximize efficiency at light loads:
• Use a low gate-charge MOSFET or use the
smallest MOSFET, which is still adequate for
maximum output current.
• Allow the MIC2182 to run in skip mode at lower
currents.
• Use a ferrite material for the inductor core, which
has less core loss than an MPP or iron powder
core.
Under heavy output loads, the significant contributors
to power loss are (in approximate order of magnitude):
• Resistive on-time losses in the MOSFETs
• Switching transition losses in the MOSFETs
• Inductor resistive losses
• Current-sense resistor losses
• Input capacitor resistive losses (due to the
capacitor’s ESR)
To minimize power loss under heavy loads:
• Use logic-level, low on-resistance MOSFETs.
Multiplying the gate charge by the on-resistance
gives a figure of merit, providing a good balance
between low and high load efficiency.
• Slow transition times and oscillations on the
voltage and current waveforms dissipate more
power during turn-on and turnoff of the MOSFETs.
A clean layout will minimize parasitic inductance
and capacitance in the gate drive and high current
paths. This will allow the fastest transition times
and waveforms without oscillations. Low
gate-charge MOSFETs will transition faster than
those with higher gate-charge requirements.
• For the same size inductor, a lower value will
have fewer turns and therefore, lower winding
resistance. However, using too small of a value
will require more output capacitors to filter the
output ripple, which will force a smaller band-
width, slower transient response and possible
instability under certain conditions.
• Lowering the current-sense resistor value will
decrease the power dissipated in the resistor.
However, it will also increase the overcurrent limit
and will require larger MOSFETs and inductor
components.
• Use low-ESR input capacitors to minimize the
power dissipated in the capacitors ESR.
VOUT VREF 1 R1
R2
-------
+
=
Where:
VREF for the MIC2182 is typically 1.245V
R2
VREF R1
VOUT VREF
–
---------------------------------
=
IDIVIDER
VREF
R2
-------------
=
PDIVIDER
R1 R2
+
IDIVIDER
2
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com