Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2182 Datasheet(PDF) 28 Page - Microchip Technology

Part # MIC2182
Description  High-Efficiency Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2182 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MIC2182 Datasheet HTML 24Page - Microchip Technology MIC2182 Datasheet HTML 25Page - Microchip Technology MIC2182 Datasheet HTML 26Page - Microchip Technology MIC2182 Datasheet HTML 27Page - Microchip Technology MIC2182 Datasheet HTML 28Page - Microchip Technology MIC2182 Datasheet HTML 29Page - Microchip Technology MIC2182 Datasheet HTML 30Page - Microchip Technology MIC2182 Datasheet HTML 31Page - Microchip Technology MIC2182 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
MIC2182
DS20006644A-page 28
2022 Microchip Technology Inc. and its subsidiaries
TABLE 5-3:
COMPONENTS FOR 5V OUTPUT
Reference
3A (6.5V to 30V)
Part No./Desc.
4A (6.5V to 30V)
Part No./Desc.
5A (6.5V to 30V)
Part No./Desc.
10A (6.5V to 30V)
Part No./Desc.
C7
Qty: 2 TPSE227M010R0100
Kyocera AVX, 220µF 10V,
0.1Ω ESR,
Output filter capacitor
Qty: 2 TPSE227M010R0100
Kyocera AVX, 220µF 10V,
0.1Ω ESR,
Output filter capacitor
Qty: 2 TPSE227M010R0060
Kyocera AVX, 220µF 10V,
0.06Ω ESR,
Output filter capacitor
Qty: 2 TPSV337M010R0060
Kyocera AVX, 330µF 10V,
0.06Ω ESR,
Output filter capacitor
C11
Qty: 2 TPSE226M035R0300
Kyocera AVX, 22µF 35V,
0.3Ω ESR,
Input filter capacitor
Qty: 3 TPSE226M035R0300
Kyocera AVX, 22µF 35V,
0.3Ω ESR,
Input filter capacitor
Qty: 4 TPSE226M035R0300
Kyocera AVX, 22µF 35V,
0.3Ω ESR,
Input filter capacitor
Qty: 4 TPSV107M020R0085
Kyocera AVX, 100µF 20V,
0.085Ω ESR,
Input filter capacitor
D1
Qty: 1 B140, Vishay,
Freewheeling diode
Qty: 1 B140, Vishay,
Freewheeling diode
Qty: 1 B140, Vishay,
Freewheeling diode
Qty: 1 B330, Vishay,
Freewheeling diode
L1
Qty: 1 CDRH125NP-100MC,
Sumida, 10µH 4A,
Output inductor
Qty: 1 CDRH127NP-100MC,
Sumida, 10µH 5A,
Output inductor
Qty: 1 CDRH127NP-100MC,
Sumida, 10µH 5A,
Output inductor
Qty: 1 UP4B-3R3,
Eaton, 3.3µH 11A,
Output inductor
Q1
Qty: 1 Si4800BDY, Vishay,
Low-side MOSFET
Qty: 1 Si4800BDY, Vishay,
Low-side MOSFET
Qty: 1 Si4884BDY, Vishay,
Low-side MOSFET
Qty: 2 Si4884BDY, Vishay,
Low-side MOSFET
Q2
Qty: 1 Si4800BDY, Vishay,
High-side MOSFET
Qty: 1 Si4800BDY, Vishay,
High-side MOSFET
Qty: 1 Si4884BDY, Vishay,
High-side MOSFET
Qty: 2 Si4884BDY, Vishay,
High-side MOSFET
R2
Qty: 1
WSL2010R0250F,
Vishay, 0.025, 1%, 0.5W,
Current sense resistor
Qty: 1
WSL2010R0200F,
Vishay, 0.02, 1%, 0.5W,
Current sense resistor
Qty: 1
WSL2512R0150F,
Vishay, 0.015, 1%, 1W,
Current sense resistor
Qty: 2
WSL2512R0150F,
Vishay, 0.015, 1%, 1W,
Current sense resistor
U1
MIC2182-5.0YSM or
MIC2182-5.0YM
MIC2182-5.0YSM or
MIC2182-5.0YM
MIC2182-5.0YSM or
MIC2182-5.0YM
MIC2182-5.0YM
TABLE 5-4:
COMPONENTS FOR 3.3V OUTPUT
Reference
3A (6.5V to 30V)
Part No./Desc.
4A (6.5V to 30V)
Part No./Desc.
5A (6.5V to 30V)
Part No./Desc.
10A (6.5V to 30V)
Part No./Desc.
C7
Qty: 2 TPSE227M010R0100
Kyocera AVX, 220µF 10V,
0.1Ω ESR,
Output filter capacitor
Qty: 2 TPSE227M010R0100
Kyocera AVX, 220µF 10V,
0.1Ω ESR,
Output filter capacitor
Qty: 2 TPSE227M010R0060
Kyocera AVX, 220µF 10V,
0.06Ω ESR,
Output filter capacitor
Qty: 2 TPSV477M006R0055
Kyocera AVX, 470µF 6.3V,
0.055Ω ESR,
Output filter capacitor
C11
Qty: 2 TPSE226M035R0300
Kyocera AVX, 22µF 35V,
0.3Ω ESR,
Input filter capacitor
Qty: 2 TPSE226M035R0300
Kyocera AVX, 22µF 35V,
0.3Ω ESR,
Input filter capacitor
Qty: 3 TPSE226M035R0300
Kyocera AVX, 22µF 35V,
0.3Ω ESR,
Input filter capacitor
Qty: 3 TPSV227M016R0075
Kyocera AVX, 220µF 16V,
0.075Ω ESR,
Input filter capacitor
D1
Qty: 1 B140, Vishay,
Freewheeling diode
Qty: 1 B140, Vishay,
Freewheeling diode
Qty: 1 B140, Vishay,
Freewheeling diode
Qty: 1 B330, Vishay,
Freewheeling diode
L1
Qty: 1 CDRH125NP-100MC,
Sumida, 10µH 4A,
Output inductor
Qty: 1 CDRH127NP-100MC,
Sumida, 10µH 5A,
Output inductor
Qty: 1 CDRH127NP-100MC,
Sumida, 10µH 5A,
Output inductor
Qty: 1 UP4B-3R3,
Eaton, 3.3µH 11A,
Output inductor
Q1
Qty: 1 Si4800BDY, Vishay,
Low-side MOSFET
Qty: 1 Si4800BDY, Vishay,
Low-side MOSFET
Qty: 1 Si4800BDY, Vishay,
Low-side MOSFET
Qty: 2 Si4884BDY, Vishay,
Low-side MOSFET
Q2
Qty: 1 Si4800BDY, Vishay,
High-side MOSFET
Qty: 1 Si4800BDY, Vishay,
High-side MOSFET
Qty: 1 Si4800BDY, Vishay,
High-side MOSFET
Qty: 2 Si4884BDY, Vishay,
High-side MOSFET
R2
Qty: 1
WSL2010R0250F,
Vishay, 0.025, 1%, 0.5W,
Current sense resistor
Qty: 1
WSL2010R0200F,
Vishay, 0.02, 1%, 0.5W,
Current sense resistor
Qty: 1
WSL2512R0150F,
Vishay, 0.015, 1%, 1W,
Current sense resistor
Qty: 2
WSL2512R0150F,
Vishay, 0.015, 1%, 1W,
Current sense resistor
U1
MIC2182-3.3YSM or
MIC2182-3.3YM
MIC2182-3.3YSM or
MIC2182-3.3YM
MIC2182-3.3YSM or
MIC2182-3.3YM
MIC2182-3.3YM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com