Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2182 Datasheet(PDF) 23 Page - Microchip Technology

Part # MIC2182
Description  High-Efficiency Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2182 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MIC2182 Datasheet HTML 19Page - Microchip Technology MIC2182 Datasheet HTML 20Page - Microchip Technology MIC2182 Datasheet HTML 21Page - Microchip Technology MIC2182 Datasheet HTML 22Page - Microchip Technology MIC2182 Datasheet HTML 23Page - Microchip Technology MIC2182 Datasheet HTML 24Page - Microchip Technology MIC2182 Datasheet HTML 25Page - Microchip Technology MIC2182 Datasheet HTML 26Page - Microchip Technology MIC2182 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006644A-page 23
MIC2182
5.3.1
RMS CURRENT AND MOSFET
POWER DISSIPATION
CALCULATION
Under normal operation, the high-side MOSFET’s RMS
current is greatest when VIN is low (maximum duty
cycle). The low-side MOSFET’s RMS current is
greatest when VIN is high (minimum duty cycle).
However, the maximum stress to the MOSFETs occurs
during short circuit conditions, where the output current
is
equal
to
IOVERCURRENT(MAX). (See the
Current-Sense Resistor Selection section). The
calculations below are for normal operation. To
calculate the stress under short circuit conditions,
substitute IOVERCURRENT(MAX) for IOUT(MAX). Use the
formula below to calculate duty cycle D under short
circuit conditions.
EQUATION 5-16:
The RMS value of the high-side switch current is:
EQUATION 5-17:
The RMS value of the low-side switch current is:
EQUATION 5-18:
EQUATION 5-19:
Converter
efficiency
depends
on
component
parameters, which have not yet been selected. For
design purposes, an efficiency of 90% can be used for
VIN less than 10V and 85% can be used for VIN greater
than 10V. The efficiency can be more accurately
calculated once the design is complete. If the assumed
efficiency is grossly inaccurate, a second iteration
through the design procedure can be made.
For the high-side switch, the conduction power loss is:
EQUATION 5-20:
Because the AC switching losses for the low-side
MOSFET is near zero, the total power dissipation of the
low-side MOSFET is:
EQUATION 5-21:
The total power dissipation for the high-side MOSFET
is:
EQUATION 5-22:
DSHORTCIRCUIT 0.063 1.8 10
3
–
VIN
–
=
ISWHS RMS
D
IOUT MAX
2
IL PP
2
12
---------------------
+
=
ISWLS RMS
1 D
–
IOUT MAX
2
IL PP
2
12
---------------------
+
=
Where:
D = Duty Cycle of the Converter
D
VOUT
VIN
------------------
=
Where:
= Efficiency of the Converter
PCOND SWHS
RDSON HS
ISWHS RMS
2
=
Where:
RDSON(HS) = High-side MOSFET ON-Resistance
PD SWLS
PCOND SWLS
RDSON LS
=
=
ISWLS RMS
2
Where:
RDSON(LS) = Low-side MOSFET ON-Resistance
PD SWHS
PCOND SWHS
PAC SWHS
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com