Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2182 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC2182
Description  High-Efficiency Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2182 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC2182 Datasheet HTML 8Page - Microchip Technology MIC2182 Datasheet HTML 9Page - Microchip Technology MIC2182 Datasheet HTML 10Page - Microchip Technology MIC2182 Datasheet HTML 11Page - Microchip Technology MIC2182 Datasheet HTML 12Page - Microchip Technology MIC2182 Datasheet HTML 13Page - Microchip Technology MIC2182 Datasheet HTML 14Page - Microchip Technology MIC2182 Datasheet HTML 15Page - Microchip Technology MIC2182 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
MIC2182
DS20006644A-page 12
2022 Microchip Technology Inc. and its subsidiaries
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
Pin
Name
Description
1
SS
Soft-Start (External Component): Connect external capacitor to ground to reduce
inrush current by delaying and slowing the output voltage rise time. Rise time is
controlled by an internal 5 µA current source that charges an external capacitor to
VDD.
2
PWM
PWM/Skip-Mode Select (Input): Low sets PWM-mode operation. 1 nF capacitor to
ground sets automatic PWM/skip-mode selection.
3
COMP
Compensation (Output): Internal error amplifier output. Connect to capacitor or
series RC network to compensate the regulator control loop.
4
SGND
Small Signal Ground (Return): Route separately from other ground traces to the (–)
terminal of COUT.
5
SYNC
Frequency Synchronization (Input): Optional. Connect to external clock signal to
synchronize the oscillator. Leading edge of signal above the threshold terminates
the switching cycle. Connect to SGND if unused.
6
EN/UVLO
Enable/Undervoltage Lockout (Input): Low-level signal powers down the controller.
Input below the 2.5V UVLO threshold voltage disables switching and functions as
an accurate undervoltage lockout (UVLO). Input below the 1.1V enable threshold
voltage forces complete micropower (< 0.1 µA) shutdown.
7 (Fixed)
VREF
Reference Voltage (Output): 1.245V output. Requires 0.1 µF capacitor to ground.
7 (Adj.)
FB
Feedback (Input): Regulates FB pin to 1.245V. See the Applications Information
section for resistor divider calculations.
8
CSH
Current-Sense High (Input): Current-limit comparator non-inverting input. A built-in
offset of 100 mV between CSH and VOUT pins in conjunction with the
current-sense resistor set the current-limit threshold level. This is also the positive
input to the current sense amplifier.
9
VOUT
Current-Sense Low (Input): Output voltage feedback input and inverting input for
the current limit comparator and the current sense amplifier.
10
VIN
[Battery] Unregulated Input (Input): +4.5V to +32V supply input.
11
VDD
5V Internal Linear-Regulator (Output): VDD is the external MOSFET gate drive
supply voltage and an internal supply bus for the IC. Bypass to SGND
with a 4.7 µF capacitor. VDD can supply up to 5 mA for external loads.
12
PGND
MOSFET Driver Power Ground (Return): Connects to source of synchronous
MOSFET and the (–) terminal of CIN.
13
LSD
Low-Side Drive (Output): High-current driver output for external synchronous
MOSFET. Voltage swing is between ground and VDD.
14
BST
Boost (Input): Provides drive voltage for the high-side MOSFET driver. The drive
voltage is higher than the input voltage by VDD minus a diode drop.
15
VSW
Switch (Return): High-side MOSFET driver return.
16
HSD
High-Side Drive (Output): High-current driver output for high-side MOSFET. This
node voltage swing is between ground and VIN + 5V - Vdiode drop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com