Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2182 Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC2182
Description  High-Efficiency Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2182 Datasheet(HTML) 2 Page - Microchip Technology

  MIC2182 Datasheet HTML 1Page - Microchip Technology MIC2182 Datasheet HTML 2Page - Microchip Technology MIC2182 Datasheet HTML 3Page - Microchip Technology MIC2182 Datasheet HTML 4Page - Microchip Technology MIC2182 Datasheet HTML 5Page - Microchip Technology MIC2182 Datasheet HTML 6Page - Microchip Technology MIC2182 Datasheet HTML 7Page - Microchip Technology MIC2182 Datasheet HTML 8Page - Microchip Technology MIC2182 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
MIC2182
DS20006644A-page 2
2022 Microchip Technology Inc. and its subsidiaries
Package Types
Typical Application Circuit
1
2
3
4
16
15
14
13
HSD
VSW
BST
LSD
SS
PWM
COMP
SGND
5
6
7
8
12
11
10
9
PGND
VDD
VIN
VOUT
SYNC
EN/UVLO
VREF
CSH
1
2
3
4
16
15
14
13
HSD
VSW
BST
LSD
SS
PWM
COMP
SGND
5
6
7
8
12
11
10
9
PGND
VDD
VIN
VOUT
SYNC
EN/UVLO
FB
CSH
MIC2182 (Adjustable)
16-Lead SOIC(M)
16-Lead SSOP (SM)
MIC2182 (Fixed)
16-Lead SOIC(M)
16-Lead SSOP (SM)
VDD
BST
C6
0.1μF
R1
2k
R7
100k
VIN
4.5V to 30V*
VOUT
3.3V/4A
GND
C2
2.2nF
C4
1nF
C3
0.1μF
C5
0.1μF
C1
0.1μF
C9
4.7μF
16V
C11
22μF
35V
x2
D2
SD103BWS
Q2*
Si4884
D1
B140
C7
220μF
10V x2
L1
10μH
R2
0.02
Q1*
Si4884
HSD
VSW
LSD
PGND
CSH
VOUT
VREF
SGND
GND
MIC2182-3.3YSM
VIN
EN/UVLO
SS
PWM
COMP
SYNC
C13, 1nF
10
6
2
1
3
5
4
7
9
8
12
13
15
16
14
11
* 30V maximum input voltage limit is due
to standard 30V MOSFET selection.
See “Application Information” section for
5V to 3.3V/10A and other circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com