Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2182 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC2182
Description  High-Efficiency Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2182 Datasheet(HTML) 4 Page - Microchip Technology

  MIC2182 Datasheet HTML 1Page - Microchip Technology MIC2182 Datasheet HTML 2Page - Microchip Technology MIC2182 Datasheet HTML 3Page - Microchip Technology MIC2182 Datasheet HTML 4Page - Microchip Technology MIC2182 Datasheet HTML 5Page - Microchip Technology MIC2182 Datasheet HTML 6Page - Microchip Technology MIC2182 Datasheet HTML 7Page - Microchip Technology MIC2182 Datasheet HTML 8Page - Microchip Technology MIC2182 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
MIC2182
DS20006644A-page 4
2022 Microchip Technology Inc. and its subsidiaries
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Analog Supply Voltage (VIN) .....................................................................................................................................+34V
Digital Supply Voltage (VDD) .......................................................................................................................................+7V
Driver Supply Voltage (BST) ................................................................................................................................. VIN +7V
Sense Voltage (VOUT, CSH)............................................................................................................................ 7V to –0.3V
Sync Pin Voltage (VSYNC) .............................................................................................................................. 7V to –0.3V
Enable Pin Voltage (VEN/UVLO) ....................................................................................................................................VIN
Power Dissipation (PD)
SOIC .............................................................................................................................................. 400 mW @ TA = 85°C
SSOP ............................................................................................................................................. 270 mW @ TA = 85°C
ESD Rating .......................................................................................................................................................... (Note 1)
Operating Ratings ‡
Analog Supply Voltage (VIN) ......................................................................................................................+4.5V to +32V
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability. Specifications are for packaged product only.
‡ Notice: The device is not guaranteed to function outside its operating ratings.
Note 1: Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5 kΩ in series
with 100 pF.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: VIN = 15V; SS = Open; VSHDN = 5V; ILOAD = 0.1A, TA = +25°C, Bold values indicate
–40°C ≤ TA ≤ +85°C; unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max.
Units Conditions
MIC2182 (Adjustable) (Note 1)
Feedback Voltage Reference
VREF
1.233
1.245
1.257
V
—
1.220
1.245
1.270
V
—
1.208
1.245
1.282
V
4.5V < VIN < 32V, full load range,
0 mV < VCSH – VOUT < 75 mV
Feedback Bias Current
IFB
—
10
—
nA
—
Output Voltage Range
VOUT
1.25
—
6
V
—
Output Voltage Line Regulation
ΔVO_LN
—
0.03
—
%/V
VIN = 4.5V to 32V,
VCSH – VOUT = 50 mV
Output Voltage Load Regulation ΔVO_LD
—
0.5
—
%
25 mV < (VCSH – VOUT) < 75 mV
(PWM mode only)
Output Voltage Total Regulation ΔVO_TOT
—
0.6
—
%
0 mV < (VCSH – VOUT) < 75 mV
(full load range), 4.5V < VIN < 32V
MIC2182-3.3
Output Voltage
VOUT
3.267
3.3
3.333
V
—
3.234
3.3
3.366
V
—
3.201
3.3
3.399
V
4.5V < VIN < 32V, full load range,
0 mV < VCSH – VOUT < 75 mV
Output Voltage Line Regulation
ΔVO_LN
—
0.03
—
%/V
VIN = 4.5V to 32V,
VCSH – VOUT = 50 mV
Output Voltage Load Regulation ΔVO_LD
—
0.5
—
%
25 mV < (VCSH – VOUT) < 75 mV
(PWM mode only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com