Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2182 Datasheet(PDF) 17 Page - Microchip Technology

Part # MIC2182
Description  High-Efficiency Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2182 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MIC2182 Datasheet HTML 13Page - Microchip Technology MIC2182 Datasheet HTML 14Page - Microchip Technology MIC2182 Datasheet HTML 15Page - Microchip Technology MIC2182 Datasheet HTML 16Page - Microchip Technology MIC2182 Datasheet HTML 17Page - Microchip Technology MIC2182 Datasheet HTML 18Page - Microchip Technology MIC2182 Datasheet HTML 19Page - Microchip Technology MIC2182 Datasheet HTML 20Page - Microchip Technology MIC2182 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006644A-page 17
MIC2182
The maximum current limit is:
EQUATION 4-6:
The current-sense pins CSH (Pin 8) and VOUT (Pin 9)
are noise sensitive due to the low signal level and high
input impedance. The PCB traces should be short and
routed close to each other. A small (1 nF to 0.1 µF)
capacitor across the pins will attenuate high frequency
switching noise.
When the peak inductor current exceeds the
current-limit threshold, the current-limit comparator, in
the Block Diagrams, turns off the high-side MOSFET
for the remainder of the cycle. The output voltage drops
as additional load current is pulled from the converter.
When the output voltage reaches approximately 0.95V,
the circuit enters frequency-foldback mode and the
oscillator frequency will drop to 60 kHz while
maintaining the peak inductor current equal to the
nominal 100 mV across the external current-sense
resistor. This limits the maximum output power
delivered to the load under a short circuit condition.
4.3
Reference, Enable, and UVLO
Circuits
The output drivers are enabled when the following
conditions are satisfied:
• The VDD voltage (Pin 11) is greater than its
undervoltage threshold (typically 4.2V)
• The voltage on the enable pin is greater than the
enable UVLO threshold (typically 2.5V)
The internal bias circuit generates a 1.245V bandgap
reference voltage for the voltage error amplifier and a
5V VDD voltage for the gate drive circuit. The reference
voltage in the fixed-output-voltage versions of the
MIC2182 is buffered and brought to Pin 7. The VREF pin
should be bypassed to GND (Pin 4) with a 0.1 µF
capacitor. The adjustable version of the MIC2182 uses
Pin 7 for output voltage sensing. A decoupling
capacitor on Pin 7 is not used in the adjustable output
voltage version.
FIGURE 4-6:
Minimum PWM-Mode Load Inductor Current for PWM Operation.
FIGURE 4-7:
Maximum Skip-Mode-Load Inductor Current.
The enable pin (Pin 6) has two threshold levels,
allowing the MIC2182 to shut down in a low current
mode, or turn off output switching in UVLO mode. An
enable pin voltage lower than the shutdown threshold
turns off all the internal circuitry and reduces the input
current to typically 0.1 µA.
If the enable pin voltage is between the shutdown and
UVLO thresholds, the internal bias, VDD, and reference
voltages are turned on. The soft-start pin is forced low
by an internal discharge MOSFET. The output drivers
are inhibited from switching and remain in a low state.
Raising the enable voltage above the UVLO threshold
of 2.5V allows the soft-start capacitor to charge and
enables the output drivers.
Either of two UVLO conditions will pull the soft-start
capacitor low.
• When the VDD drops below 4.1V
• When the enable pin drops below the 2.5V
threshold
4.4
MOSFET Gate Drive
The MIC2182 high-side drive circuit is designed to
switch an N-channel MOSFET. Referring to the Block
Diagrams, a bootstrap circuit, consisting of D2 and
CBST, supplies energy to the high-side drive circuit.
Capacitor CBST is charged while the low-side MOSFET
is on and the voltage on the VSW pin (Pin 15) is
approximately 0V. When the high-side MOSFET driver
is turned on, energy from CBST is used to turn the
high-side MOSFET on. As the MOSFET turns on, the
voltage on the VSW pin increases to approximately VIN.
Diode D2 is reversed biased and voltage at the BST pin
ILIM MAX
135mV
RCS
-----------------
=
0A
IOUT(MAXSKIP)
Inductor
Current
35mV THRESHOLD
ACROSS RCS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com