Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2182 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC2182
Description  High-Efficiency Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2182 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC2182 Datasheet HTML 6Page - Microchip Technology MIC2182 Datasheet HTML 7Page - Microchip Technology MIC2182 Datasheet HTML 8Page - Microchip Technology MIC2182 Datasheet HTML 9Page - Microchip Technology MIC2182 Datasheet HTML 10Page - Microchip Technology MIC2182 Datasheet HTML 11Page - Microchip Technology MIC2182 Datasheet HTML 12Page - Microchip Technology MIC2182 Datasheet HTML 13Page - Microchip Technology MIC2182 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
MIC2182
DS20006644A-page 10
2022 Microchip Technology Inc. and its subsidiaries
FIGURE 2-19:
Converter Waveforms.
FIGURE 2-20:
Typical Skip-Mode
Waveforms.
FIGURE 2-21:
Typical PWM Mode
Waveforms.
FIGURE 2-22:
Load Transient Response
(4A Power Supply Configuration).
FIGURE 2-23:
Load Transient Response
(10A Power Supply Configuration).
FIGURE 2-24:
Bode Plot (4A Power Supply
Configuration).
QTY: 2
Si4884
HIGH-SIDE
MOSFETS
SWITCH-NODE
VOLTAGE
INDUCTOR CURRENT
LOW-SIDE MOSFET
GATE-TO-SOURCE VOLTAGE
HIGH-SIDE MOSFET
GATE-TO-SOURCE VOLTAGE
QTY: 2
Si4884
LOW-SIDE
MOSFETS
VIN = 7V
L1 = 3.3
μH
V
OUT = 3.3V
IOUT = 10A
HIGH-SIDE
DRIVE VOLTAGE
REFERENCED TO GROUND
10Amps
V
OUT
V
SW
I
L
(1A/div)
V
OUT
V
SW
I
L
(0.5A/div)
V
IN = 12V
V
OUT = 3.3V
L1 = 10
μH
R2 = 20m
Ω
V
IN = 6V
V
OUT = 3.3V
L1 = 3.3
μH
R2 = 7.5m
Ω
-40
-20
0
20
40
60
80
100
0
30
60
90
120
150
180
210
FREQUENCY (Hz)
GAIN
PHASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com