Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2182 Datasheet(PDF) 25 Page - Microchip Technology

Part # MIC2182
Description  High-Efficiency Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2182 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MIC2182 Datasheet HTML 21Page - Microchip Technology MIC2182 Datasheet HTML 22Page - Microchip Technology MIC2182 Datasheet HTML 23Page - Microchip Technology MIC2182 Datasheet HTML 24Page - Microchip Technology MIC2182 Datasheet HTML 25Page - Microchip Technology MIC2182 Datasheet HTML 26Page - Microchip Technology MIC2182 Datasheet HTML 27Page - Microchip Technology MIC2182 Datasheet HTML 28Page - Microchip Technology MIC2182 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006644A-page 25
MIC2182
The total output ripple is a combination of output ripple
voltages due to the ESR and the output capacitance.
The total ripple is calculated below:
EQUATION 5-27:
The voltage rating of capacitor should be twice the
output voltage for a tantalum and 20% greater for an
aluminum electrolytic or OS-CON.
The output capacitor RMS current is calculated below:
EQUATION 5-28:
The power dissipated in the output capacitor is:
EQUATION 5-29:
5.6
Input Capacitor Selection
The input capacitor should be selected for ripple
current rating and voltage rating. Tantalum input
capacitors may fail when subjected to high inrush
currents, caused by turning the input supply on.
Tantalum input capacitor voltage rating should be at
least twice the maximum input voltage to maximize
reliability. Aluminum electrolytic, OS-CON, and
multilayer polymer film capacitors can handle the
higher inrush currents without voltage derating.
The input voltage ripple will primarily depend on the
input capacitors ESR. The peak input current is equal
to the peak inductor current, so:
EQUATION 5-30:
The input capacitor must be rated for the input current
ripple. The RMS value of input capacitor current is
determined at the maximum output current. Assuming
the peak to peak inductor ripple current is low:
EQUATION 5-31:
The power dissipated in the input capacitor is:
EQUATION 5-32:
5.7
Voltage Setting Components
The MIC2182-3.3 and MIC2182-5.0 ICs contain
internal voltage dividers that set the output voltage. The
MIC2182 adjustable version requires two resistors to
set the output voltage as shown in Figure 5-2.
FIGURE 5-2:
Voltage Divider
Configuration.
VOUT
IL PP
8 COUT
fSW
--------------------------------------
2
IL PP
ESRCOUT
2
+
=
Where:
COUT = Output capacitance value
fSW = Switching frequency
ESRCOUT = ESR of output capacitor
ICOUT RMS
IL PP
12
------------------
=
PDISS COUT
ICOUT RMS
2 ESR
COUT
=
VIN IL PK
ESRCIN
=
Where:
ESRCIN = ESR of input capacitor.
ICIN RMS
IOUT MAX
D
1 D
–
PDISS CIN
ICIN RMS
2 ESR
CIN
=
Error
Amp
7
MIC2182 [adj.]
FB
VREF
1.245V
R2
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com