Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2182 Datasheet(PDF) 19 Page - Microchip Technology

Part # MIC2182
Description  High-Efficiency Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2182 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MIC2182 Datasheet HTML 15Page - Microchip Technology MIC2182 Datasheet HTML 16Page - Microchip Technology MIC2182 Datasheet HTML 17Page - Microchip Technology MIC2182 Datasheet HTML 18Page - Microchip Technology MIC2182 Datasheet HTML 19Page - Microchip Technology MIC2182 Datasheet HTML 20Page - Microchip Technology MIC2182 Datasheet HTML 21Page - Microchip Technology MIC2182 Datasheet HTML 22Page - Microchip Technology MIC2182 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006644A-page 19
MIC2182
It is recommended that the user limits the maximum
synchronized frequency to 600 kHz. If a higher
synchronized frequency is required, it may be possible
and will be design dependent.
4.6
Soft-Start
Soft start reduces the power supply input surge current
at startup by controlling the output voltage rise time.
The input surge appears while the output capacitance
is charged up. A slower output rise time will draw a
lower input surge current. Soft start may also be used
for power supply sequencing.
The soft-start voltage is applied directly to the PWM
comparator. A 5 µA internal current source is used to
charge up the soft-start capacitor. The capacitor is
discharged when either the enable voltage drops below
the UVLO threshold (2.5V) or the VDD voltage drops
below the UVLO level (4.1V).
The part switches at a minimum duty cycle when the
soft-start pin voltage is less than 0.4V. This maintains a
charge on the bootstrap capacitor and insures
high-side gate drive voltage. As the soft-start voltage
rises above 0.4V, the duty cycle increases from the
minimum duty cycle to the operating duty cycle. The
oscillator runs at the foldback frequency of 60 kHz until
the output voltage rises above 0.95V. Above 0.95V, the
switching frequency increases to 300 kHz (or the
synced frequency), causing the output voltage to rise a
greater rate. The rise time of the output is dependent
on the soft-start capacitor, output capacitance, output
voltage, and load current. The oscilloscope photo in
Figure 4-11 show the output voltage and the soft-start
pin voltage at startup.
FIGURE 4-11:
Startup Waveforms.
4.7
Minimum Pulse Width
The MIC2182 has a specified minimum pulse width.
This minimum pulse width places a lower limit on the
minimum duty cycle of the buck converter. When the
MIC2182 is operating in forced PWM mode (Pin 2 low)
and when the output current is very low or zero, there
is a limit on the ratio of VOUT/VIN. If this limit is
exceeded, the output voltage will rise above the
regulated voltage level. A minimum load is required to
prevent the output from rising up. This will not occur for
output voltages greater than 3V.
Figure 4-12 should be used as a guide when the
MIC2182 is forced into PWM-only mode. The actual
maximum input voltage will depend on the exact
external components used (MOSFETs, inductors, etc.).
FIGURE 4-12:
Max. Input Voltage in
Forced-PWM Mode.
This restriction does not occur when the MIC2182 is set
to automatic mode (Pin 2 connected to a capacitor)
since the converter operates in skip mode at low output
current.
TIME
10
15
20
25
30
35
0123456
OUTPUT VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com