Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2182 Datasheet(PDF) 37 Page - Microchip Technology

Part # MIC2182
Description  High-Efficiency Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2182 Datasheet(HTML) 37 Page - Microchip Technology

Back Button MIC2182 Datasheet HTML 32Page - Microchip Technology MIC2182 Datasheet HTML 33Page - Microchip Technology MIC2182 Datasheet HTML 34Page - Microchip Technology MIC2182 Datasheet HTML 35Page - Microchip Technology MIC2182 Datasheet HTML 36Page - Microchip Technology MIC2182 Datasheet HTML 37Page - Microchip Technology MIC2182 Datasheet HTML 38Page - Microchip Technology MIC2182 Datasheet HTML 39Page - Microchip Technology MIC2182 Datasheet HTML 40Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006644A-page 37
MIC2182
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC2182YM:
High Efficiency Synchronous Buck
Controller, ADJ Output Voltage,
–40°C to +125°C Junction
Temperature Range, RoHS
Compliant, 16-Lead SOIC (.150 in)
Package, 48/Tube
b)MIC2182-3.3YM:
High Efficiency Synchronous Buck
Controller, 3.3V Output Voltage,
–40°C to +125°C Junction
Temperature Range, RoHS
Compliant, 16-Lead SOIC (.150 in)
Package, 48/Tube
c) MIC2182-5.0YM-TR:
High Efficiency Synchronous Buck
Controller, 5.0V Output Voltage,
–40°C to +125°C Junction
Temperature Range, RoHS
Compliant, 16-Lead SOIC (.150 in)
Package, 2500/Reel
d) MIC2182YSM:
High Efficiency Synchronous Buck
Controller, ADJ Output Voltage,
–40°C to +125°C Junction
Temperature Range, RoHS
Compliant, 16-Lead SSOP (5.3
mm) Package, 77/Tube
e) MIC2182-3.3YSM
High Efficiency Synchronous Buck
Controller, 3.3V Output Voltage,
–40°C to +125°C Junction
Temperature Range, RoHS
Compliant, 16-Lead SSOP (5.3
mm) Package, 77/Tube
f) MIC2182-5.0YSM-TR:
High Efficiency Synchronous Buck
Controller, 5.0V Output Voltage,
–40°C to +125°C Junction
Temperature Range, RoHS
Compliant, 16-Lead SSOP (5.3
mm) Package, 1000/Reel
PART NO.
XX
Package
Device
Device:
MIC2182: High-Efficiency Synchronous Buck
Controller
Output Voltage:
<blank> =
Adjustable
-3.3 =
3.3V
-5.0 =
5.0V
Junction
Temperature Range:
Y
=
–40°C to +125°C (RoHs Compliant)
Package:
M
=
16-Lead SOIC (.150in)
SM =
16-Lead SSOP (5.3mm)
Media Type:
<blank> = 48/Tube (M, SOIC)
<blank> = 77/Tube (SM, SSOP)
TR
=
1,000/Reel (SM, SSOP)
TR =
2,500/Reel (M, SOIC)
X
Junction
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
–XX
Media Type
–X.X
Output
Voltage
Temperature
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com