Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2182 Datasheet(PDF) 15 Page - Microchip Technology

Part # MIC2182
Description  High-Efficiency Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2182 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MIC2182 Datasheet HTML 11Page - Microchip Technology MIC2182 Datasheet HTML 12Page - Microchip Technology MIC2182 Datasheet HTML 13Page - Microchip Technology MIC2182 Datasheet HTML 14Page - Microchip Technology MIC2182 Datasheet HTML 15Page - Microchip Technology MIC2182 Datasheet HTML 16Page - Microchip Technology MIC2182 Datasheet HTML 17Page - Microchip Technology MIC2182 Datasheet HTML 18Page - Microchip Technology MIC2182 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006644A-page 15
MIC2182
FIGURE 4-3:
PWM-Mode Timing.
FIGURE 4-4:
Skip-Mode Timing.
A hysteretic comparator is used in place of the PWM
error amplifier and a current-limit comparator senses
the inductor current. A one-shot starts the switching
cycle by momentarily turning on the low side MOSFET
to insure the high-side drive boost capacitor, CBST, is
fully charged. The high-side MOSFET is turned on and
current ramps up in the inductor, L1. The high-side
drive is turned off when either the peak voltage on the
input of the current-sense comparator exceeds the
threshold, typically 35 mV, or the output voltage rises
above the hysteretic threshold of the output voltage
comparator. Once the high-side MOSFET is turned off,
the load current discharges the output capacitor,
causing VOUT to fall. The cycle repeats when VOUT falls
below the lower threshold, –1%.
The maximum peak inductor current in Skip Mode
depends on the skip-mode current-limit threshold and
the value of the current-sense resistor, RCS.
EQUATION 4-1:
Figure 4-5 shows the improvement in efficiency that
skip mode makes at lower output currents.
VDD
0V
0V
0V
0V
0A
VDD
VIN + VDD
VIN
VSW
Reset
Pulse
VHSD
VLSD
ILOAD
IL1
0V
0V
0V
0A
VDD
+1%
–1%
VNOMINAL
VIN
VOUT
VSW
VLSD
VHSD
Vone-shot
0V
VDD
0V
VDD
IL(PKMAX)_SKIP
IL1
VOUT
IOUT
0A
IL(PKMAX)_SKIP 35mV
RCS
--------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com