Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2182 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC2182
Description  High-Efficiency Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2182 Datasheet(HTML) 5 Page - Microchip Technology

  MIC2182 Datasheet HTML 1Page - Microchip Technology MIC2182 Datasheet HTML 2Page - Microchip Technology MIC2182 Datasheet HTML 3Page - Microchip Technology MIC2182 Datasheet HTML 4Page - Microchip Technology MIC2182 Datasheet HTML 5Page - Microchip Technology MIC2182 Datasheet HTML 6Page - Microchip Technology MIC2182 Datasheet HTML 7Page - Microchip Technology MIC2182 Datasheet HTML 8Page - Microchip Technology MIC2182 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006644A-page 5
MIC2182
Output Voltage Total Regulation ΔVO_TOT
—
0.8
—
%
0 mV < (VCSH – VOUT) < 75 mV
(full load range), 4.5V < VIN < 32V
MIC2182-5.0
Output Voltage
VOUT
4.95
5.0
5.05
V
—
4.90
5.0
5.10
V
—
4.85
5.0
5.150
V
6.5V < VIN < 32V, full load range,
0 mV < VCSH – VOUT < 75 mV
Output Voltage Line Regulation
ΔVO_LN
—
0.03
—
%/V
VIN = 6.5V to 32V,
VCSH – VOUT = 50 mV
Output Voltage Load Regulation ΔVO_LD
—
0.5
—
%
25 mV < (VCSH – VOUT) < 75 mV
(PWM mode only)
Output Voltage Total Regulation ΔVO_TOT
—
0.8
—
%
0 mV < (VCSH – VOUT) < 75 mV
(full load range), 6.5V < VIN < 32V
Input and VDD Supply Quiescent Current
PWM Mode Quiescent Current
IQ_PWM
—
1.6
2.5
mA
VPWM = 0V, excluding external
MOSFET gate drive current
Skip Mode Quiescent Current
IQ_SKIP
—
600
1500
µA
ILOAD = 0 mA, VPWM floating (1 nF
capacitor to ground)
Shutdown Quiescent Current
ISD
—
0.1
5
µA
VEN/UVLO = 0V
Digital Supply Voltage
VDD
4.7
—
5.3
V
ILOAD = 0 mA to 5 mA
Undervoltage Lockout
VDDUV_R
—
4.2
—
V
VDD upper threshold (turn-on
threshold)
VDDUV_F
—
4.1
—
V
VDD lower threshold (turn-off
threshold)
Reference Output (Fixed Versions Only
Reference Voltage
VREF
1.220
1.245
1.270
V
—
Reference Line Regulation
ΔVREF_LN
—
1
—
mV
6V < VIN < 32V
Reference Load Regulation
ΔVREF_LD
—
2
—
mV
0 µA < IREF < 100 µA
Enable/UVLO
Enable Input Threshold
VEN_TH
0.6
1.1
1.6
V
—
UVLO Threshold
VENUV_TH
2.2
2.5
2.8
V
—
Enable Input Current
IEN
—
0.1
5
µA
VEN/UVLO = 5V
Soft-Start
Soft-Start Source Current
ISS
–3.5
–5
–6.5
µA
VSS = 0V
Current Limit
Current Limit Threshold Voltage VILIM_TH
75
100
135
mV
VCSH = VOUT
Error Amplifier
Error Amplifier Voltage Gain
AV(EA)
—
20
—
V/V
gm(EA) = 0.2 mS, RO(EA) = 100 kΩ
Current Amplifier
Current Sense Amplifier Gain
AV(CS)
—
2.0
—
V/V
—
Oscillator Section
Oscillator Frequency
fOSC
270
300
330
kHz
—
Maximum Duty Cycle
DMAX
—
86
—
%
—
Minimum On-Time
tON(MIN)
—
140
250
ns
VOUT = VOUT(NOMINAL) + 200 mV
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: VIN = 15V; SS = Open; VSHDN = 5V; ILOAD = 0.1A, TA = +25°C, Bold values indicate
–40°C ≤ TA ≤ +85°C; unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max.
Units Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com