Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2182 Datasheet(PDF) 22 Page - Microchip Technology

Part # MIC2182
Description  High-Efficiency Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2182 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MIC2182 Datasheet HTML 18Page - Microchip Technology MIC2182 Datasheet HTML 19Page - Microchip Technology MIC2182 Datasheet HTML 20Page - Microchip Technology MIC2182 Datasheet HTML 21Page - Microchip Technology MIC2182 Datasheet HTML 22Page - Microchip Technology MIC2182 Datasheet HTML 23Page - Microchip Technology MIC2182 Datasheet HTML 24Page - Microchip Technology MIC2182 Datasheet HTML 25Page - Microchip Technology MIC2182 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
MIC2182
DS20006644A-page 22
2022 Microchip Technology Inc. and its subsidiaries
current for the low-side MOSFET is more accurately
calculated using CISS at VDS = 0V instead of gate
charge.
The gate drive current for the low-side MOSFET:
EQUATION 5-11:
Because the current from the gate drive comes from
the input voltage, the power dissipated in the MIC2182
due to gate drive is:
EQUATION 5-12:
A convenient figure of merit for switching MOSFETs is
the on-resistance times the total gate charge (RDS(ON)
x QG). Lower numbers translate into higher efficiency.
Low gate-charge logic-level MOSFETs are a good
choice for use with the MIC2182. Power dissipation in
the MIC2182 package limits the maximum gate drive
current. Refer to Figure 4-9 and Figure 4-10 for the
MIC2182 gate drive limits.
Parameters that are important to MOSFET switch
selection are:
• Voltage rating
• On-resistance
• Total gate charge
The voltage rating of the MOSFETs are essentially
equal to the input voltage. A safety factor of 20% should
be added to the VDS(max) of the MOSFETs to account
for voltage spikes due to circuit parasitics.
The power dissipated in the switching transistor is the
sum of the conduction losses during the on-time
(PCONDUCTION) and the switching losses that occur
during the period of time when the MOSFETs turn on
and off (PAC).
EQUATION 5-13:
Making the assumption the turn-on and turn-off
transition times are equal, the transition time can be
approximated by:
EQUATION 5-14:
The total high-side MOSFET switching loss is:
EQUATION 5-15:
Because the low-side MOSFET body diode is forward
biased before the low-side MOSFET is turned on and
after the low-side MOSFET is turned off, this keeps the
voltage across the low-side MOSFET to about 0.5V
during switching transitions, the low-side MOSFET
switching losses are negligible and can be ignored.
IGLS AVG
CISS VGS fSW
=
Where:
CISS = Input capacitance of the low-side MOSFET at
VDS = 0V.
PD GDRV
VIN IGHS AVG
IGLS AVG
+
=
Where:
PD(GDRV) = Power Dissipated Due to Gate Drive
PD SW
PCONDUCTION PAC
+
=
Where:
PCONDUCTION = ISW(RMS)2 x RDS(ON)
PAC =
PAC(OFF) + PAC(ON)
RDS(ON) =
On-Resistance of the MOSFET
Switch
ISW(RMS) =
RMS current of the MOSFET switch
tT
CISS VGS COSS V
+
IN
IG
--------------------------------------------------------------
=
Where:
CISS and COSS are Measured at VDS = 0V
IG = Gate Drive Current (1A for the MIC2182)
PAC SWHS
VIN VD
+
IL AVG
tT fSW
=
Where:
IL(AVG) = Average inductor current
tT =
Switching transition time
typically 20 ns to 50 ns)
VD =
Freewheeling diode drop, typically 0.5V
fSW =
Switching frequency, normally 300 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com