Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2182 Datasheet(PDF) 14 Page - Microchip Technology

Part # MIC2182
Description  High-Efficiency Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2182 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MIC2182 Datasheet HTML 10Page - Microchip Technology MIC2182 Datasheet HTML 11Page - Microchip Technology MIC2182 Datasheet HTML 12Page - Microchip Technology MIC2182 Datasheet HTML 13Page - Microchip Technology MIC2182 Datasheet HTML 14Page - Microchip Technology MIC2182 Datasheet HTML 15Page - Microchip Technology MIC2182 Datasheet HTML 16Page - Microchip Technology MIC2182 Datasheet HTML 17Page - Microchip Technology MIC2182 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
MIC2182
DS20006644A-page 14
2022 Microchip Technology Inc. and its subsidiaries
A block diagram of the MIC2182 PWM current-mode
control loop is shown in Figure 4-1 and the PWM mode
voltage and current waveforms are shown in
Figure 4-3. The inductor current is sensed by
measuring the voltage across the resistor, RCS. A ramp
is added to the amplified current-sense signal to
provide slope compensation, which is required to
prevent unstable operation at duty cycles greater than
50%.
A transconductance amplifier is used for the error
amplifier, which compares an attenuated sample of the
output voltage with a reference voltage. The output of
the error amplifier is the COMP (compensation) pin,
which is compared to the current-sense waveform in
the PWM block. When the current signal becomes
greater than the error signal, the comparator turns off
the high-side drive. The COMP pin (Pin 3) provides
access to the output of the error amplifier and allows
the use of external components to stabilize the voltage
loop.
4.1.3
SKIP-MODE CONTROL LOOP
This control method is used to improve efficiency at
light output loads. At light output currents, the power
drawn by the MIC2182 is equal to the input voltage
times the IC supply current (IQ). At light output currents,
the power dissipated by the IC can be a significant
portion of the total output power, which lowers the
efficiency of the buck converter. The MIC2182 draws
less supply current in skip mode by disabling portions
of the control and drive circuitry when the IC is not
switching. The disadvantage of this method is greater
output voltage ripple and variable switching frequency.
A block diagram of the MIC2182 skip mode is shown in
Figure 4-2. Skip mode voltage and current waveforms
are shown in Figure 4-4.
FIGURE 4-2:
Skip-Mode Operation.
Low
Comp
Skip-Mode
Current
Limit
0.07V
LOW
FORCES
PWM MODE
–2%VBG
VIN
VDD
Reference
11
14
10
16
15
13
12
8
9
7
MIC2182 [adj.] Skip Mode
FB
R2
R1
VOUT
CSH
VDD
VBST
CIN
VIN
HSD
Q2
Q1
D2
CBST
COUT
VIN
VOUT
L1
VSW
LSD
PGND
4.7F
V
1.245V
R1
R2
OUT =+
1
Current
Sense
Amp
S
R
Q
CONTROL LOGIC AND
SKIP-MODE LOGIC
RCS
AV = 2
ONE SHOT
LOW-SIDE DRIVER
ONE SHOT
Hysteresis
Comp
1%
D1
(
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com