Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2182 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC2182
Description  High-Efficiency Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2182 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC2182 Datasheet HTML 7Page - Microchip Technology MIC2182 Datasheet HTML 8Page - Microchip Technology MIC2182 Datasheet HTML 9Page - Microchip Technology MIC2182 Datasheet HTML 10Page - Microchip Technology MIC2182 Datasheet HTML 11Page - Microchip Technology MIC2182 Datasheet HTML 12Page - Microchip Technology MIC2182 Datasheet HTML 13Page - Microchip Technology MIC2182 Datasheet HTML 14Page - Microchip Technology MIC2182 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006644A-page 11
MIC2182
FIGURE 2-25:
Bode Plot (10A Power
Supply Configuration).
FIGURE 2-26:
Efficiency at VIN = 5V,
VOUT = 3.3V (4A Power Supply Configuration).
FIGURE 2-27:
Efficiency at VIN = 12V,
VOUT = 3.3V (4A Power Supply Configuration).
FIGURE 2-28:
Efficiency at VIN = 24V,
VOUT = 3.3V (4A Power Supply Configuration).
FIGURE 2-29:
Efficiency at VIN = 5V,
VOUT = 3.3V (10A Power Supply Configuration).
-40
-20
0
20
40
60
80
100
0
30
60
90
120
150
180
210
FREQUENCY (Hz)
GAIN
PHASE
0
20
40
60
80
100
0.01
0.1
1
4
OUTPUT CURRENT (A)
Skip
PWM
V
IN = 5V
R2 = 15m
Ω
L1 = 10
μH
1 high-side MOSFET: Si4800
1 low-side MOSFET: Si4800
0
20
40
60
80
100
0.01
0.1
1
4
OUTPUT CURRENT (A)
Skip
PWM
V
IN = 12V
R2 = 15m
Ω
L1 = 10
μH
1 high-side MOSFET: Si4800
1 low-side MOSFET: Si4800
0
20
40
60
80
100
0.01
0.1
1
4
OUTPUT CURRENT (A)
Skip
PWM
V
IN = 24V
R2 = 15m
Ω
L1 = 10
μH
1 high-side MOSFET: Si4800
1 low-side MOSFET: Si4800
0
20
40
60
80
100
0.01
0.1
1
10
OUTPUT CURRENT (A)
Skip
PWM
R2 = 7.5m
Ω
L1 = 3.3
μH
2 high-side MOSFETs: Si4884
2 low-side MOSFETs: Si4884



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com