Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2182 Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC2182
Description  High-Efficiency Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2182 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC2182 Datasheet HTML 17Page - Microchip Technology MIC2182 Datasheet HTML 18Page - Microchip Technology MIC2182 Datasheet HTML 19Page - Microchip Technology MIC2182 Datasheet HTML 20Page - Microchip Technology MIC2182 Datasheet HTML 21Page - Microchip Technology MIC2182 Datasheet HTML 22Page - Microchip Technology MIC2182 Datasheet HTML 23Page - Microchip Technology MIC2182 Datasheet HTML 24Page - Microchip Technology MIC2182 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006644A-page 21
MIC2182
EQUATION 5-6:
5.2
Current-Sense Resistor Selection
Low inductance power resistors, such as metal film
resistors should be used. Most resistor manufacturers
make low inductance resistors with low temperature
coefficients, designed specifically for current-sense
applications. Both resistance and power dissipation
must be calculated before the resistor is selected. The
value of RCS is chosen based on the maximum output
current and the minimum current-limit threshold voltage
level. The power dissipated is based on the maximum
peak current limit at the maximum current-limit
threshold voltage.
EQUATION 5-7:
The maximum overcurrent at the maximum
current-limit threshold voltage is:
EQUATION 5-8:
The maximum power dissipated in the sense resistor
is:
EQUATION 5-9:
5.3
MOSFET Selection
External N-channel logic-level power MOSFETs must
be used for the high-side and low-side switches. The
MOSFET gate-to-source drive voltage of the MIC2182
is regulated by an internal 5V VDD regulator. Logic-level
MOSFETs, whose operation is specified at VGS = 4.5V
must be used.
It is important to note the on-resistance of a MOSFET
increases with increasing temperature. A 75°C rise in
junction temperature will increase the channel
resistance of the MOSFET by 50% to 75% of the
resistance specified at 25°C. This change in resistance
must be accounted for when calculating MOSFET
power dissipation.
Total gate charge is the charge required to turn the
MOSFET on and off under specified operating
conditions (VDS and VGS). The gate charge is supplied
by the MIC2182 gate drive circuit. At 300 kHz switching
frequency and above, the gate charge can be a
significant source of power dissipation in the MIC2182.
At low output load, this power dissipation is noticeable
as a reduction in efficiency. The average current re-
quired to drive the high-side MOSFET is:
EQUATION 5-10:
The low-side MOSFET is turned on and off at VDS = 0
because the freewheeling diode is conducting during
this time. The switching losses for the low-side
MOSFET is usually negligible. Also, the gate drive
RWINDING HOT
RWINDING 20C
1 0.0042
THOT T20C
+
=
Where:
THOT =
Temperature of the wire
under operating load
T20°C =
Ambient room temperature
RWINDING(20°C) = Room temperature winding
resistance (usually specified
by the manufacturer)
RCS
75mV
IOUT MAX
--------------------------
IOVERCURRENT MAX
135mV
RCS
-----------------
=
PD RCS
IOVERCURRENT MAX
2 R
CS
=
IGHS AVG
QG fSW
=
Where:
IGHS(AVG) = Average High-Side MOSFET Gate
Current
QG =
Total Gate Charge for the High-Side
MOSFET Taken from Manufac-
turer’s Data Sheet with VGS = 5V
fSW =
Switching Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com