Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2182 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC2182
Description  High-Efficiency Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2182 Datasheet(HTML) 1 Page - Microchip Technology

  MIC2182 Datasheet HTML 1Page - Microchip Technology MIC2182 Datasheet HTML 2Page - Microchip Technology MIC2182 Datasheet HTML 3Page - Microchip Technology MIC2182 Datasheet HTML 4Page - Microchip Technology MIC2182 Datasheet HTML 5Page - Microchip Technology MIC2182 Datasheet HTML 6Page - Microchip Technology MIC2182 Datasheet HTML 7Page - Microchip Technology MIC2182 Datasheet HTML 8Page - Microchip Technology MIC2182 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006644A-page 1
MIC2182
Features
• 4.5V to 32V Input Voltage Range
• 1.25V to 6V Output Voltage Range
• 95% Efficiency
• 300 kHz Oscillator Frequency
• Current Sense Blanking
• 5Ω Impedance MOSFET Drivers
• Drives N-channel MOSFETs
• 600 µA Typical Quiescent Current (Skip-Mode)
• Logic Controlled Micropower Shutdown
(IQ < 0.1 µA)
• Current-Mode Control
• Cycle-by-Cycle Current Limiting
• Built-In Undervoltage Protection
• Adjustable Undervoltage Lockout
• Easily Synchronizable
• Precision 1.245V Reference Output
• 0.6% Total Regulation
• 16-Lead SOIC and SSOP Packages
• Frequency Foldback Overcurrent Protection
• Sustained Short-Circuit Protection at Any Input
Voltage
• 20A Output Current Capability
Applications
• DC Power Distribution Systems
• Notebook and Subnotebook Computers
• PDAs and Mobile Communicators
• Wireless Modems
• Battery-Operated Equipment
General Description
The MIC2182 is a synchronous buck (step-down)
switching regulator controller. An all N-channel
synchronous architecture and powerful output drivers
allow up to a 20A output current capability. The PWM
and skip-mode control scheme allows efficiency to
exceed 95% over a wide range of load current, making
it ideal for battery powered applications, as well as high
current distributed power supplies.
The MIC2182 operates from a 4.5V to 32V input and
can operate with a maximum duty cycle of 86% for use
in low- dropout conditions. It also features a shutdown
mode that reduces quiescent current to 0.1 µA.
The MIC2182 achieves high efficiency over a wide
output current range by automatically switching
between PWM and skip mode. Skip-mode operation
enables the converter to maintain high efficiency at
light loads by turning off circuitry pertaining to PWM
operation, reducing the no-load supply current from
1.6 mA to 600 µA. The operating mode is internally
selected according to the output load conditions. Skip
mode can be defeated by pulling the PWM pin low
which reduces noise and RF interference.
The MIC2182 is available in a 16-lead SOIC
(small-outline
package)
and
SSOP
(shrink
small-outline package) with an operating ambient
temperature range from –40°C to +85°C.
High-Efficiency Synchronous Buck Controller


Similar Part No. - MIC2182

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2182 MICREL-MIC2182 Datasheet
223Kb / 28P
High-Efficiency Synchronous Buck Controller Final Information
MIC2182-3.3BM MICREL-MIC2182-3.3BM Datasheet
223Kb / 28P
High-Efficiency Synchronous Buck Controller Final Information
MIC2182-3.3BM MICREL-MIC2182-3.3BM Datasheet
229Kb / 28P
High-Efficiency Synchronous Buck Controller
MIC2182-3.3BSM MICREL-MIC2182-3.3BSM Datasheet
223Kb / 28P
High-Efficiency Synchronous Buck Controller Final Information
MIC2182-3.3BSM MICREL-MIC2182-3.3BSM Datasheet
229Kb / 28P
High-Efficiency Synchronous Buck Controller
More results

Similar Description - MIC2182

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2182 MICREL-MIC2182 Datasheet
223Kb / 28P
High-Efficiency Synchronous Buck Controller Final Information
logo
National Semiconductor ...
LM3075 NSC-LM3075 Datasheet
857Kb / 18P
High Efficiency, Synchronous Current Mode Buck Controller
logo
Texas Instruments
UCC2541 TI-UCC2541 Datasheet
684Kb / 43P
HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Micrel Semiconductor
MIC2182 MICREL-MIC2182_04 Datasheet
229Kb / 28P
High-Efficiency Synchronous Buck Controller
logo
Texas Instruments
TPS40007-DIE TI1-TPS40007-DIE Datasheet
96Kb / 6P
LOW-INPUT, HIGH EFFICIENCY SYNCHRONOUS BUCK CONTROLLER
logo
Richtek Technology Corp...
RT8130B RICHTEK-RT8130B Datasheet
235Kb / 16P
12V High Efficiency Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2541 TI1-UCC2541_16 Datasheet
1,014Kb / 43P
HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8128A RICHTEK-RT8128A Datasheet
172Kb / 15P
High Efficiency Synchronous Buck PWM Controller
RT8129A RICHTEK-RT8129A Datasheet
816Kb / 18P
High Efficiency Single Synchronous Buck PWM Controller
RT6542A RICHTEK-RT6542A Datasheet
267Kb / 15P
High Efficiency Single Synchronous Buck PWM Controller
September 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com