Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2182 Datasheet(PDF) 24 Page - Microchip Technology

Part # MIC2182
Description  High-Efficiency Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2182 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MIC2182 Datasheet HTML 20Page - Microchip Technology MIC2182 Datasheet HTML 21Page - Microchip Technology MIC2182 Datasheet HTML 22Page - Microchip Technology MIC2182 Datasheet HTML 23Page - Microchip Technology MIC2182 Datasheet HTML 24Page - Microchip Technology MIC2182 Datasheet HTML 25Page - Microchip Technology MIC2182 Datasheet HTML 26Page - Microchip Technology MIC2182 Datasheet HTML 27Page - Microchip Technology MIC2182 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
MIC2182
DS20006644A-page 24
2022 Microchip Technology Inc. and its subsidiaries
5.4
External Schottky Diode
An external freewheeling diode is used to keep the
inductor current flow continuously while both
MOSFETs are turned off during dead time. This dead
time prevents current from flowing unimpeded through
both MOSFETs and is typically 80 ns The diode
conducts twice during each switching cycle. Although
the average current through this diode is small, the
diode must be able to handle the peak current.
EQUATION 5-23:
The reverse voltage requirement of the diode is:
EQUATION 5-24:
The power dissipated by the Schottky diode is:
EQUATION 5-25:
The external freewheeling Schottky diode, D1, is not
necessary for circuit operation since the low-side
MOSFET contains a parasitic body diode. The external
diode will improve efficiency and decrease high
frequency noise. If the MOSFET body diode is used, it
must be rated to handle the peak and average current.
The body diode has a relatively slow reverse recovery
time and a relatively high forward voltage drop. The
power lost in the diode is proportional to the forward
voltage drop of the diode. As the high-side MOSFET
starts to turn on, the body diode becomes a short circuit
for the reverse recovery period, dissipating additional
power. The diode recovery and the circuit inductance
will cause ringing during the high-side MOSFET
turn-on.
An external Schottky diode conducts at a lower forward
voltage preventing the body diode in the MOSFET from
turning on. The lower forward voltage drop dissipates
less power than the body diode. The lack of a reverse
recovery mechanism in a Schottky diode causes less
ringing and less power loss. Depending on the circuit
components and operating conditions, an external
Schottky diode will give a 1/2% to 1% improvement in
efficiency. Figure 5-1 illustrates the difference in noise
on the VSW pin with and without a Schottky diode.
FIGURE 5-1:
Switch Output Noise With
and Without Schottky Diode.
5.5
Output Capacitor Selection
The output capacitor values are usually determined by
the capacitors ESR (equivalent series resistance).
Voltage rating and RMS current capability are two other
important factors in selecting the output capacitor.
Recommended capacitors are tantalum, low-ESR
aluminum electrolytics, and OS-CON.
The output capacitor’s ESR is usually the main cause
of output ripple. The maximum value of ESR is
calculated by:
EQUATION 5-26:
ID AVG
IOUT 2 80ns fSW
=
VDIODE RRM
VIN
=
PDIODE ID AVG
VF
=
Where:
VF = Forward Voltage at the Peak Diode
Current
TIME
ESRCOUT
VOUT
IL PP
------------------
Where:
ΔVOUT = Peak-to-peak output voltage ripple
ΔIL(PP) = Peak-to-peak inductor ripple current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com