Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2182 Datasheet(PDF) 27 Page - Microchip Technology

Part # MIC2182
Description  High-Efficiency Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2182 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MIC2182 Datasheet HTML 23Page - Microchip Technology MIC2182 Datasheet HTML 24Page - Microchip Technology MIC2182 Datasheet HTML 25Page - Microchip Technology MIC2182 Datasheet HTML 26Page - Microchip Technology MIC2182 Datasheet HTML 27Page - Microchip Technology MIC2182 Datasheet HTML 28Page - Microchip Technology MIC2182 Datasheet HTML 29Page - Microchip Technology MIC2182 Datasheet HTML 30Page - Microchip Technology MIC2182 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006644A-page 27
MIC2182
5.9
Decoupling Capacitor Selection
The 4.7 µF decoupling capacitor is used to minimize
noise on the VDD pin. The placement of this capacitor
is critical to the proper operation of the IC. It must be
placed right next to the pins and routed with a wide
trace. The capacitor should be a good quality tantalum.
An additional 1 µF ceramic capacitor may be
necessary when driving large MOSFETs with high gate
capacitance. Incorrect placement of the VDD
decoupling capacitor will cause jitter or oscillations in
the switching waveform and large variations in the
overcurrent limit.
A 0.1 µF ceramic capacitor is required to decouple the
VIN. The capacitor should be placed near the IC and
connected directly to between Pin 10 (VIN) and Pin 12
(PGND).
5.10 Components Selection of
Predesigned Circuits
A single schematic diagram, shown in Figure 5-3, can
be used to build power supplies ranging from 3A to 10A
at the common output voltages of 1.8V, 2.5V, 3.3V, and
5V. Components that vary, depending upon output
current and voltage, are listed in Table 5-3 through
Table 5-6.
Power supplies larger than 10A can also be
constructed using the MIC2182 by using larger
power-handling components.
Figure 2-16 through Figure 2-29 provide useful
information about the actual performance of some of
these circuits.
FIGURE 5-3:
Basic Circuit Diagram for use with Table 5-3 through Table 5-6.
TABLE 5-1:
SPECIFICATIONS FOR FIGURE 5-3 & TABLE 5-3 THROUGH TABLE 5-6
Specification
Limit
Switching Frequency Ripple
1% of Output Voltage
Max. Ambient Temp.
+85°C
Short-Circuit Capability
Continuous
Switching Frequency
300 kHz
TABLE 5-2:
COMPONENT SUPPLIERS
Manufacturer
Website Address
Microchip Technology Inc.
www.microchip.com
Kyocera AVX
www.kyocera-avx.com
Central Semiconductor
www.centralsemi.com
Eaton
www.eaton.com
Infineon
www.infineon.com
Vishay
www.vishay.com
Sumida
www.sumida.com
VDD
BST
C6
0.1
μF
R1
2k
R7
100k
VIN
VOUT
GND
C2
2.2nF
C4
1nF
C3
0.1
μF
C5
0.1
μF
C1
0.1
μF
50V
C9
4.7
μF
16V
C11
(table)
D2
SD103BWS
Q2
(table)
D1
(table)
C7
(table)
C12
0.1
μF
50V
L1
(table)
R2
(table)
Q1
(table)
HSD
VSW
LSD
PGND
CSH
VOUT
VREF
SGND
GND
MIC2182
VIN
EN/UVLO
SS
PWM
COMP
SYNC
C13, 1nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com