Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC7023BCPZ62I-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADUC7023BCPZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7023BCPZ62I-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADUC7023BCPZ62I-R7 Datasheet HTML 21Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 22Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 23Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 24Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 25Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 26Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 27Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 28Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 98 page
background image
Data Sheet
ADuC7023
Rev. H | Page 25 of 98
Table 10. IRQ Address Base = 0xFFFF0000
Address
Name
Byte
Access
Type
Default Value
Description
0x0000
IRQSTA
4
R
0x00000000
Active IRQ source.
0x0004
IRQSIG
4
R
Current state of all IRQ sources (enabled and disabled).
0x0008
IRQEN
4
R/W
0x00000000
Enabled IRQ sources.
0x000C
IRQCLR
4
W
MMR to disable IRQ sources.
0x0010
SWICFG
4
W
Software interrupt configuration MMR.
0x0014
IRQBASE
4
R/W
0x00000000
Base address of all vectors. Points to start of a 64-byte memory block
which can contain up to 32 pointers to separate subroutine handlers.
0x001C
IRQVEC
4
R
0x00000000
This register contains the subroutine address for the currently active
IRQ source.
0x0020
IRQP0
4
R/W
0x00000000
This register contains the interrupt priority setting for Interrupt Source 1
to Interrupt Source 7. An interrupt can have a priority setting of 0 to 7.
0x0024
IRQP1
4
R/W
0x00000000
This register contains the interrupt priority setting for Interrupt Source 8
to Interrupt Source 15.
0x0028
IRQP2
4
R/W
0x00000000
This register contains the interrupt priority setting for Interrupt Source 16 to
Interrupt Source 21.
0x002C
RESERVED
4
R/W
0x00000000
Reserved.
0x0030
IRQCONN
4
R/W
0x00000000
Used to enable IRQ and FIQ interrupt nesting.
0x0034
IRQCONE
4
R/W
0x00000000
This register configures the external interrupt sources as rising edge,
falling edge, or level triggered.
0x0038
IRQCLRE
4
R/W
0x00000000
Used to clear an edge level triggered interrupt source.
0x003C
IRQSTAN
4
R/W
0x00000000
This register indicates the priority level of an interrupt that has just
caused an interrupt exception.
0x0100
FIQSTA
4
R
0x00000000
Active FIQ source.
0x0104
FIQSIG
4
R
Current state of all FIQ sources (enabled and disabled).
0x0108
FIQEN
4
R/W
0x00000000
Enabled FIQ sources.
0x010C
FIQCLR
4
W
MMR to disable FIQ sources.
0x011C
FIQVEC
4
R
0x00000000
FIQ interrupt vector.
0x013C
FIQSTAN
4
RW
0x00000000
This register indicates the priority level of an FIQ that has just caused an
FIQ exception.
Table 11. System Control Address Base = 0xFFFF0200
Address
Name
Byte
Access
Type
Default Value1
Description
0x0220
Remap2
1
R/W
0x00
Remap control register.
0x0230
RSTSTA
1
R/W
0x01
RSTSTA status MMR.
0x0234
RSTCLR
1
W
0x00
RSTCLR MMR for clearing RSTSTA register.
0x0248
RSTKEY1
1
W
0xXX
0x76 should be written to this register before writing to RSTCFG.
0x024C
RSTCFG
1
R/W
0x00
This register allows the DAC and GPIO outputs to retain state after a
watchdog or software reset.
0x0250
RSTKEY2
1
W
0xXX
0xB1 should be written to this register after writing to RSTCFG.
1 N/A means not applicable.
2 Updated by kernel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com