Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC7023BCPZ62I-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADUC7023BCPZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7023BCPZ62I-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADUC7023BCPZ62I-R7 Datasheet HTML 23Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 24Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 25Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 26Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 27Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 28Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 29Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 30Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 98 page
background image
Data Sheet
ADuC7023
Rev. H | Page 27 of 98
Address
Name
Byte
Access
Type
Default Value
Description
0x0514
ADCRST
1
R/W
0x00
ADC reset MMR.
0x0530
ADCGN
2
R/W
Factory configured
ADC gain calibration MMR.
0x0534
ADCOF
2
R/W
Factory configured
ADC offset calibration MMR.
0x0544
TSCON
1
R/W
0x00
Temperature sensor chopping enable register.
0x0548
TEMPREF
2
R/W
Factory configured
Temperature sensor reference value.
Table 16. DAC Address Base = 0xFFFF0600
Address
Name
Byte
Access
Type
Default Value
Description
0x0600
DAC0CON
1
R/W
0x00
DAC0 control MMR.
0x0604
DAC0DAT
4
R/W
0x00000000
DAC0 data MMR.
0x0608
DAC1CON
1
R/W
0x00
DAC1 control MMR.
0x060C
DAC1DAT
4
R/W
0x00000000
DAC1 data MMR.
0x0610
DAC2CON
1
R/W
0x00
DAC2 control MMR.
0x0614
DAC2DAT
4
R/W
0x00000000
DAC2 data MMR.
0x0618
DAC3CON
1
R/W
0x00
DAC3 control MMR.
0x061C
DAC3DAT
4
R/W
0x00000000
DAC3 data MMR.
0x0654
DACBCFG
1
R/W
0x00
DAC Configuration MMR
0x0650
DACBKEY0
2
W
0x0000
DAC Key0 MMR
0x0658
DACBKEY1
2
W
0x0000
DAC Key1 MMR
Table 17. I2C0 Base Address = 0XFFFF0800
Address
Name
Byte
Access
Type
Default Value
Description
0x0800
I2C0MCON
2
R/W
0x0000
I2C0 master control register.
0x0804
I2C0MSTA
2
R
0x0000
I2C0 master status register.
0x0808
I2C0MRX
1
R
0x00
I2C0 master receive register.
0x080C
I2C0MTX
1
W
0x00
I2C0 master transmit register.
0x0810
I2C0MCNT0
2
R/W
0x0000
I2C0 master read count register. Write the number of required
bytes into this register prior to reading from a slave device.
0x0814
I2C0MCNT1
1
R
0x00
I2C0 master current read count register. This register contains the
number of bytes already received during a read from slave sequence.
0x0818
I2C0ADR0
1
R/W
0x00
I2C0 address byte register. Write the required slave address in
here prior to communications.
0x081C
I2C0ADR1
1
R/W
0x00
I2C0 address byte register. Write the required slave address in
here prior to communications. Used in 10-bit mode only.
0x0824
I2C0DIV
2
R/W
0x1F1F
I2C0 clock control register. Used to configure the SCL frequency.
0x0828
I2C0SCON
2
R/W
0x0000
I2C0 slave control register.
0x082C
I2C0SSTA
2
R/W
0x0000
I2C0 slave status register.
0x0830
I2C0SRX
1
R
0x00
I2C0 slave receive register.
0x0834
I2C0STX
1
W
0x00
I2C0 slave transmit register.
0x0838
I2C0ALT
1
R/W
0x00
I2C0 hardware general call recognition register.
0x083C
I2C0ID0
1
R/W
0x00
I2C0 slave ID0 register. Slave bus ID register.
0x0840
I2C0ID1
1
R/W
0x00
I2C0 slave ID1 register. Slave bus ID register.
0x0844
I2C0ID2
1
R/W
0x00
I2C0 slave ID2 register. Slave bus ID register.
0x0848
I2C0ID3
1
R/W
0x00
I2C0 slave ID3 register. Slave bus ID register.
0x084C
I2C0FSTA
2
R/W
0x0000
I2C0 FIFO status register. Used in both master and slave modes.
Table 18. I2C1 Base Address = 0XFFFF0900
Address
Name
Byte
Access
Type
Default Value
Description
0x0900
I2C1MCON
2
R/W
0x0000
I2C1 master control register.
0x0904
I2C1MSTA
2
R
0x0000
I2C1 master status register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com