Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC7023BCPZ62I-R7 Datasheet(PDF) 68 Page - Analog Devices

Part # ADUC7023BCPZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7023BCPZ62I-R7 Datasheet(HTML) 68 Page - Analog Devices

Back Button ADUC7023BCPZ62I-R7 Datasheet HTML 64Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 65Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 66Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 67Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 68Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 69Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 70Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 71Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 98 page
background image
ADuC7023
Data Sheet
Rev. H | Page 68 of 98
Bit
Name
Description
1
I2CSTFE
I2C slave FIFO underflow status bit.
This bit goes high if the Tx FIFO is empty when a master requests data from the slave. This bit is asserted
at the rising edge of SCL during the read bit.
This bit is cleared in all other conditions.
0
I2CETSTA
I2C slave early transmit FIFO status bit.
If the I2CSETEN bit in I2CxSCON is = 0, this bit goes high if the slave Tx FIFO is empty. If the I2CSETEN bit in
I2CxSCON is = 1, this bit goes high just after the positive edge of SCL during the write bit transmission.
This bit asserts once only for a transfer.
This bit is cleared after being read.
I2C Slave Receive Registers, I2CxSRX
Name:
I2C0SRX, I2C1SRX
Address:
0xFFFF0830, 0xFFFF0930
Default value:
0x00
Access:
Read
Function:
These 8-bit MMRs are the I2C slave receive
register.
I2C Slave Transmit Registers, I2CxSTX
Name:
I2C0STX, I2C1STX
Address:
0xFFFF0834, 0xFFFF0934
Default value:
0x00
Access:
Write
Function:
These 8-bit MMRs are the I2C slave transmit
registers.
I2C Hardware General Call Recognition Registers,
I2CxALT
Name:
I2C0ALT, I2C1ALT
Address:
0xFFFF0838, 0xFFFF0938
Default value:
0x00
Access:
Read/write
Function:
These 8-bit MMRs are used with hardware
general calls when the I2CxSCON Bit 3 is set to
1. These registers are used in cases where a
master is unable to generate an address for a
slave, and instead, the slave must generate the
address for the master.
I2C Slave Device ID Registers, I2CxIDx
Name:
I2C0IDx, I2C1IDx
Addresses:
0xFFFF093C = I2C1ID0
0xFFFF083C = I2C0ID0
0xFFFF0940 = I2C1ID1
0xFFFF0840 = I2C0ID1
0xFFFF0944 = I2C1ID2
0xFFFF0844 = I2C0ID2
0xFFFF0948 = I2C1ID3
0xFFFF0848 = I2C0ID3
Default value:
0x00
Access:
Read/write
Function:
These 8-bit MMRs are programmed with I2C
bus IDs of the slave. See the I2C Bus Addresses
section for further details.
I2C Common Registers
I2C FIFO Status Registers, I2CxFSTA
Name:
I2C0FSTA, I2C1FSTA
Address:
0xFFFF084C, 0xFFFF094C
Default value:
0x0000
Access:
Read/write
Function:
These 16-bit MMRs contain the status of the
Rx/Tx FIFOs in both master and slave modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com