Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC7023BCPZ62I-R7 Datasheet(PDF) 63 Page - Analog Devices

Part # ADUC7023BCPZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7023BCPZ62I-R7 Datasheet(HTML) 63 Page - Analog Devices

Back Button ADUC7023BCPZ62I-R7 Datasheet HTML 59Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 60Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 61Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 62Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 63Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 64Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 65Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 66Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 98 page
background image
Data Sheet
ADuC7023
Rev. H | Page 63 of 98
I2C Master Status Registers, I2CxMSTA
Name:
I2C0MSTA , I2C1MSTA
Address:
0xFFFF0804, 0xFFFF0904
Default value:
0x0000, 0x0000
Access:
Read
Function:
These 16-bit MMRs are the I2C status registers in master mode.
Table 66. I2CxMSTA MMR Bit Designations
Bit
Name
Description
15 to 11
Reserved. These bits are reserved.
10
I2CBBUSY
I2C bus busy status bit.
This bit is set to 1 when a start condition is detected on the I2C bus.
This bit is cleared when a stop condition is detected on the bus.
9
I2CMRxFO
Master Rx FIFO overflow.
This bit is set to 1 when a byte is written to the Rx FIFO when it is already full.
This bit is cleared in all other conditions.
8
I2CMTC
I2C transmission complete status bit.
This bit is set to 1 when a transmission is complete between the master and the slave with which it was
communicating. If the I2CMCENI bit in I2CxMCON is set, an interrupt is generated when this bit is set.
This bit clears this interrupt source.
7
I2CMNA
I2C master no acknowledge data bit.
This bit is set to 1 when a no acknowledge condition is received by the master in response to a data write
transfer. If the I2CNACKENI bit in I2CxMCON is set, an interrupt is generated when this bit is set.
This bit is cleared in all other conditions.
6
I2CMBUSY
I2C master busy status bit.
This bit is set to 1 when the master is busy processing a transaction.
This bit is cleared if the master is ready or if another master device has control of the bus.
5
I2CAL
I2C arbitration lost status bit.
This bit is set to 1 when the I2C master has lost in trying to gain control of the I2C bus. If the I2CALENI bit in
I2C1MCON is set, an interrupt is generated when this bit is set.
This bit is cleared in all other conditions.
4
I2CMNA
I2C master no acknowledge address bit.
This bit is set to 1 when a no acknowledge condition is received by the master in response to an address.
If the I2CNACKENI bit in I2C1MCON is set, an interrupt is generated when this bit is set.
This bit is cleared in all other conditions.
3
I2CMRXQ
I2C master receive request bit.
This bit is set to 1 when data enters the Rx FIFO. If the I2CMRENI in I2C1MCON is set, an interrupt is
generated.
This bit is cleared in all other conditions.
2
I2CMTXQ
I2C master transmit request bit.
This bit becomes high if the Tx FIFO is empty or only contains one byte and the master has transmitted an
address and write. If the I2CMTENI bit in I2C1MCON is set, an interrupt is generated when this bit is set.
This bit is cleared in all other conditions.
1 to 0
I2CMTFSTA
I2C master Tx FIFO status bits.
00 = I2C master Tx FIFO empty.
01 = Reserved.
10 = 1 byte in master Tx FIFO.
11 = I2C master Tx FIFO full.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com