Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC7023BCPZ62I-R7 Datasheet(PDF) 43 Page - Analog Devices

Part # ADUC7023BCPZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7023BCPZ62I-R7 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADUC7023BCPZ62I-R7 Datasheet HTML 39Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 40Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 41Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 42Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 43Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 44Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 45Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 46Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 98 page
background image
ADuC7023
Data Sheet
Rev. H | Page 43 of 98
EXECUTION TIME FROM SRAM AND FLASH/EE
Execution from SRAM
Fetching instructions from SRAM takes one clock cycle because
the access time of the SRAM is 2 ns, and a clock cycle is 22 ns
minimum. However, if the instruction involves reading or
writing data to memory, one extra cycle must be added if the
data is in SRAM (or three cycles if the data is in Flash/EE); one
cycle to execute the instruction and two cycles to obtain the
32-bit data from Flash/EE. A control flow instruction (a branch
instruction, for example) takes one cycle to fetch but also takes
two cycles to fill the pipeline with the new instructions.
Execution from Flash/EE
Because the Flash/EE width is 16 bits and the access time for
16-bit words is 22 ns, execution from Flash/EE cannot be
completed in one cycle (as can be done from SRAM when the
CD bit = 0). Also, some dead times are needed before accessing
data for any value of CD bits.
In ARM mode, where instructions are 32 bits, two cycles are
needed to fetch any instruction when CD = 0. In thumb mode,
where instructions are 16 bits, one cycle is needed to fetch any
instruction.
Timing is identical in both modes when executing instructions
that involve using the Flash/EE for data memory. If the instruction
to be executed is a control flow instruction, an extra cycle is needed
to decode the new address of the program counter, and then
four cycles are needed to fill the pipeline. A data processing
instruction involving only the core register does not require any
extra clock cycles. However, if it involves data in Flash/EE, an
extra clock cycle is needed to decode the address of the data,
and two cycles are needed to get the 32-bit data from Flash/EE.
An extra cycle must also be added before fetching another
instruction. Data transfer instructions are more complex and
are summarized in Table 35.
Table 35. Execution Cycles in ARM/Thumb Mode
Instructions
Fetch
Cycles
Dead
Time
Data Access
Dead
Time
LD1
2/1
1
2
1
LDH
2/1
1
1
1
LDM/PUSH
2/1
N2
2 × N2
N1
STR1
2/1
1
2 × 20 ns
1
STRH
2/1
1
20 ns
1
STRM/POP
2/1
N1
2 × N × 20 ns1
N1
1 The SWAP instruction combines an LD and STR instruction with only one
fetch, giving a total of eight cycles + 40 ns.
2 N is the number of data to load or store in the multiple load/store instruction
(1 < N ≤ 16).
RESET AND REMAP
The ARM exception vectors are all situated at the bottom of the
memory array, from Address 0x00000000 to Address 0x00000020
as shown in Figure 31.
KERNEL
INTERRUPT
SERVICE ROUTINES
INTERRUPT
SERVICE ROUTINES
ARM EXCEPTION
VECTOR ADDRESSES
0x00000020
0x00011FFF
0x0008FFFF
0xFFFFFFFF
FLASH/EE
SRAM
MIRROR SPACE
0x00000000 0x00000000
0x00010000
0x00080000
Figure 31. Remap for Exception Execution
By default, and after any reset, the Flash/EE is mirrored at the
bottom of the memory array. The remap function allows the
programmer to mirror the SRAM at the bottom of the memory
array, which facilitates execution of exception routines from
SRAM instead of from Flash/EE. This means exceptions are
executed twice as fast, being executed in 32-bit ARM mode
with 32-bit wide SRAM instead of 16-bit wide Flash/EE
memory.
Remap Operation
When a reset occurs on the ADuC7023, execution automatically
starts in factory programmed, internal configuration code. This
kernel is hidden and cannot be accessed by user code. If the part is
in normal mode (BM pin is high), it executes the power-on
configuration routine of the kernel and then jumps to the reset
vector address, 0x00000000, to execute the reset exception
routine of the user.
Because the Flash/EE is mirrored at the bottom of the memory
array at reset, the reset interrupt routine must always be written
in Flash/EE.
The remap is done from Flash/EE by setting Bit 0 of the Remap
register. Caution must be taken to execute this command from
Flash/EE above Address 0x00080020, and not from the bottom
of the array because this is replaced by the SRAM.
This operation is reversible. The Flash/EE can be remapped at
Address 0x00000000 by clearing Bit 0 of the Remap MMR.
Caution must again be taken to execute the remap function
from outside the mirrored area. Any type of reset remaps the
Flash/EE memory at the bottom of the array.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com