Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC7023BCPZ62I-R7 Datasheet(PDF) 92 Page - Analog Devices

Part # ADUC7023BCPZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7023BCPZ62I-R7 Datasheet(HTML) 92 Page - Analog Devices

Back Button ADUC7023BCPZ62I-R7 Datasheet HTML 88Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 89Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 90Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 91Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 92Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 93Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 94Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 95Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 98 page
background image
ADuC7023
Data Sheet
Rev. H | Page 92 of 98
POWER-ON RESET OPERATION
An internal power-on reset (POR) is implemented on the
ADuC7023. For LVDD below 2.40 V typical, the internal POR
holds the part in reset. As LVDD rises above 2.40 V, an internal
timer times out for typically 64 ms before the part is released
from reset. The user must ensure that the power supply IOVDD
has reached a stable 2.7 V minimum level by this time. Likewise,
on power-down, the internal POR holds the part in reset until
LVDD has dropped below 2.40 V.
Figure 53 illustrates the operation of the internal POR in detail.
IOVDD
3.3V
2.6V
2.40V TYP
2.40V TYP
64ms TYP
LVDD
POR
Figure 53. Internal Power-On Reset Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com