Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC7023BCPZ62I-R7 Datasheet(PDF) 69 Page - Analog Devices

Part # ADUC7023BCPZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7023BCPZ62I-R7 Datasheet(HTML) 69 Page - Analog Devices

Back Button ADUC7023BCPZ62I-R7 Datasheet HTML 65Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 66Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 67Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 68Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 69Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 70Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 71Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 72Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 98 page
background image
Data Sheet
ADuC7023
Rev. H | Page 69 of 98
Table 74. I2CxFSTA MMR Bit Designations
Bit
Name
Description
15 to 10
Reserved bits.
9
I2CFMTX
This bit is set to 1 to flush the master
Tx FIFO.
8
I2CFSTX
This bit is set to 1 to flush the slave Tx
FIFO.
7 to 6
I2CMRXSTA
I2C master receive FIFO status bits.
[00] = FIFO empty.
[01] = byte written to FIFO.
[10] = 1 byte in FIFO.
[11] = FIFO full.
5 to 4
I2CMTXSTA
I2C master transmit FIFO status bits.
[00] = FIFO empty.
[01] = byte written to FIFO.
[10] = 1 byte in FIFO.
[11] = FIFO full.
3 to 2
I2CSRXSTA
I2C slave receive FIFO status bits.
[00] = FIFO empty
[01] = byte written to FIFO
[10] = 1 byte in FIFO
[11] = FIFO full
1 to 0
I2CSTXSTA
I2C slave transmit FIFO status bits.
[00] = FIFO empty.
[01] = byte written to FIFO.
[10] = 1 byte in FIFO.
[11] = FIFO full.
PROGRAMMABLE LOGIC ARRAY (PLA)
Every ADuC7023 integrates a fully programmable logic array
(PLA) consisting of sixteen PLA elements.
Each PLA element contains a two-input look-up table that can
be configured to generate any logic output function based on
two inputs and a flip-flop. This is represented in Figure 39.
4
2
0
1
3
A
B
LOOK-UP
TABLE
Figure 39. PLA Element
In total, 20 GPIO pins are available on the ADuC7023 for the
PLA. These include 11 input pins and nine output pins, which
need to be configured in the GPxCON register as PLA pins
before using the PLA.
The PLA is configured via a set of user MMRs. The output(s) of
the PLA can be routed to the internal interrupt system, to the
CONVSTART signal of the ADC, to an MMR, or to any of the
eight PLA output pins.
Table 75. Element Input/Output
PLA Block 0
PLA Block 1
Element
Input
Output
Element
Input
Output
0
P0.4
P0.7
8
P0.0
P0.2
1
P0.5
P1.0
9
P0.1
P0.3
2
P0.6
P1.1
10
P2.4
P2.51
3
P1.2
P1.4
11
NC
NC
4
P1.3
P1.5
12
NC
NC
5
P1.6
P2.11
13
NC
NC
6
P1.7
P2.2
14
NC
NC
7
P2.0
P2.3
15
NC
NC
1 Internal pins only. Read via GPxDAT register.
PLA MMRs Interface
The PLA peripheral interface consists of the 22 MMRs
described in the following sections.
PLAELMx Registers
PLAELMx are Element 0 to Element 15 control registers. They
configure the input and output mux of each element, select the
function in the look-up table, and bypass/use the flip-flop (see
Table 77).
Table 76. PLAELMx Registers
Name
Address
Default Value
Access
PLAELM0
0xFFFF0B00
0x0000
R/W
PLAELM1
0xFFFF0B04
0x0000
R/W
PLAELM2
0xFFFF0B08
0x0000
R/W
PLAELM3
0xFFFF0B0C
0x0000
R/W
PLAELM4
0xFFFF0B10
0x0000
R/W
PLAELM5
0xFFFF0B14
0x0000
R/W
PLAELM6
0xFFFF0B18
0x0000
R/W
PLAELM7
0xFFFF0B1C
0x0000
R/W
PLAELM8
0xFFFF0B20
0x0000
R/W
PLAELM9
0xFFFF0B24
0x0000
R/W
PLAELM10
0xFFFF0B28
0x0000
R/W
PLAELM11
0xFFFF0B2C
0x0000
R/W
PLAELM12
0xFFFF0B30
0x0000
R/W
PLAELM13
0xFFFF0B34
0x0000
R/W
PLAELM14
0xFFFF0B38
0x0000
R/W
PLAELM15
0xFFFF0B3C
0x0000
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com