Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC7023BCPZ62I-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADUC7023BCPZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7023BCPZ62I-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADUC7023BCPZ62I-R7 Datasheet HTML 32Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 33Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 34Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 35Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 36Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 37Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 38Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 39Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 98 page
background image
ADuC7023
Data Sheet
Rev. H | Page 36 of 98
The C1 capacitors in Figure 27 are typically 4 pF and can be
primarily attributed to pin capacitance. The resistors are
lumped components made up of the on resistance of the
switches. The value of these resistors is typically about 100 Ω.
The C2 capacitors are the ADC sampling capacitors and
typically have a capacitance of 16 pF.
AVDD
C1
D
D
R1 C2
AVDD
C1
D
D
R1 C2
Figure 27. Equivalent Analog Input Circuit Conversion Phase: Switches Open,
Track Phase: Switches Closed
For ac applications, removing high frequency components
from the analog input signal is recommended by using an RC
low-pass filter on the relevant analog input pins. In applications
where harmonic distortion and signal-to-noise ratio are critical,
the analog input should be driven from a low impedance
source. Large source impedances significantly affect the ac
performance of the ADC. This can necessitate the use of an
input buffer amplifier. The choice of the op amp is a function of
the particular application. Figure 28 and Figure 29 give an
example of an ADC front end.
ADuC7023
ADC0
10Ω
0.01µF
Figure 28. Buffering Single-Ended Differential Input
ADuC7023
ADC0
VREF
ADC1
Figure 29. Buffering Differential Inputs
When no amplifier is used to drive the analog input, limit the
source impedance to values lower than 1 kΩ. The maximum
source impedance depends on the amount of total harmonic
distortion (THD) that can be tolerated. The THD increases as
the source impedance increases and the performance degrades.
DRIVING THE ANALOG INPUTS
Internal or external references can be used for the ADC. When
operating in differential mode, there are restrictions on the
common-mode input signal (VCM), which is dependent upon
the reference value and supply voltage used to ensure that the
signal remains within the supply rails. Table 27 gives some
calculated VCM minimum and VCM maximum values.
Table 27. VCM Ranges
AVDD
VREF
VCM Min
VCM Max
Signal Peak-to-Peak
3.3 V
2.5 V
1.25 V
2.05 V
2.5 V
2.048 V
1.024 V
2.276 V
2.048 V
1.25 V
0.75 V
2.55 V
1.25 V
3.0 V
2.5 V
1.25 V
1.75 V
2.5 V
2.048 V
1.024 V
1.976 V
2.048 V
1.25 V
0.75 V
2.25 V
1.25 V
CALIBRATION
By default, the factory-set values written to the ADC offset
(ADCOF) and gain coefficient registers (ADCGN) yield
optimum performance in terms of endpoint errors and linearity
for standalone operation of the part (see the Specifications
section). If system calibration is required, it is possible to
modify the default offset and gain coefficients to improve
endpoint errors, but note that any modification to the factory-
set ADCOF and ADCGN values can degrade ADC linearity
performance.
For system offset error correction, the ADC channel input stage
must be tied to AGND. A continuous software ADC
conversion loop must be implemented by modifying the value in
ADCOF until the ADC result (ADCDAT) reads Code 0 to Code
1. If the ADCDAT value is greater than 1, ADCOF should be
decremented until ADCDAT reads Code 0 to Code 1. Offset
error correction is done digitally and has a resolution of 0.25
LSB and a range of ±3.125% of VREF.
For system gain error correction, the ADC channel input
stage must be tied to VREF. A continuous software ADC
conversion loop must be implemented to modify the value
in ADCGN until the ADCDAT reads Code 4094 to Code 4095.
If the ADCDAT value is less than 4094, ADCGN should be
incremented until ADCDAT reads Code 4094 to Code 4095.
Similar to the offset calibration, the gain calibration resolution
is 0.25 LSB with a range of ±3% of VREF.
TEMPERATURE SENSOR
The ADuC7023 provides a voltage output from an on-chip
band gap reference that is proportional to absolute
temperature. This voltage output can also be routed through
the front-end ADC multiplexer (effectively an additional ADC
channel input), facilitating an internal temperature sensor
channel, measuring die temperature.
An ADC temperature sensor conversion differs from a
standard ADC voltage. The ADC performance specifications
do not apply to the temperature sensor.
Chopping of the internal amplifier should be enabled using the
TSCON register. To enable this mode, the user must set Bit 0 of
TSCON. The user must also take two consecutive ADC readings
and average them in this mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com