Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC7023BCPZ62I-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADUC7023BCPZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7023BCPZ62I-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADUC7023BCPZ62I-R7 Datasheet HTML 1Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 2Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 3Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 4Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 5Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 6Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 7Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 8Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 98 page
background image
Precision Analog Microcontroller, 12-Bit Analog
I/O, ARM7TDMI MCU with Enhanced IRQ Handler
Data Sheet
ADuC7023
Rev. H
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2010–2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Analog I/O
Multichannel, 12-bit, 1 MSPS ADC
Up to 12 ADC channels
Fully differential and single-ended modes
0 V to VREF analog input range
12-bit voltage output DACs
4 DAC outputs available
On-chip voltage reference
On-chip temperature sensor
Voltage comparator
Microcontroller
ARM7TDMI core, 16-bit/32-bit RISC architecture
JTAG port supports code download and debug
Clocking options
Trimmed on-chip oscillator (±3%)
External watch crystal
External clock source up to 44 MHz
41.78 MHz PLL with programmable divider
Memory
62 kB Flash/EE memory, 8 kB SRAM
In-circuit download, JTAG-based debug
Software-triggered in-circuit reprogrammability
Vectored interrupt controller for FIQ and IRQ
8 priority levels for each interrupt type
Interrupt on edge or level external pin inputs
On-chip peripherals
2× fully I2C-compatible channels
SPI (20 Mbps in master mode, 10 Mbps in slave mode)
With 4-byte FIFO on input and output stages
Up to 20 GPIO pins—Digital only GPIOs are 5 V tolerant
3× general-purpose timers
Watchdog timer (WDT)
Programmable logic array (PLA)
16 PLA elements
16-bit, 5-channel PWM
Power
Specified for 3 V operation
Active mode: 11 mA at 5 MHz, 28 mA at 41.78 MHz
Packages and temperature range
32-lead 5 mm × 5 mm LFCSP
40-lead LFCSP
36-Lead WLCSP
Fully specified for −40°C to +125°C operation
Tools
Low cost QuickStart development system
Full third-party support
APPLICATIONS
Optical networking
Industrial control and automation systems
Smart sensors, precision instrumentation
Base station systems
GENERAL DESCRIPTION
The ADuC7023 is a fully integrated, 1 MSPS, 12-bit data acquisition
system, incorporating high performance multichannel ADCs,
16-bit/32-bit MCUs, and Flash/EE memory on a single chip.
The ADC consists of up to 12 single-ended inputs. An additional four
inputs are available but are multiplexed with the four DAC output
pins. The ADC can operate in single-ended or differential input
modes. The ADC input voltage is 0 V to V
REF. A low drift band gap
reference, temperature sensor, and voltage comparator complete
the ADC peripheral set.
The DAC output range is programmable to one of two voltage ranges.
The DAC outputs have an enhanced feature of being able to retain
their output voltage during a watchdog or software reset sequence.
The devices operate from an on-chip oscillator and a PLL, generating
an internal high frequency clock of 41.78 MHz. This clock is routed
through a programmable clock divider from which the MCU core
clock operating frequency is generated. The microcontroller core is an
ARM7TDMI®, 16-bit/32-bit RISC machine that offers up to 41 MIPS
peak performance. Eight kilobytes of SRAM and 62 kilobytes of
nonvolatile Flash/EE memory are provided on chip. The ARM7TDMI
core views all memory and registers as a single linear array.
The ADuC7023 contains an advanced interrupt controller. The
vectored interrupt controller (VIC) allows every interrupt to be
assigned a priority level. It also supports nested interrupts to a
maximum level of eight per IRQ and FIQ. When IRQ and FIQ
interrupt sources are combined, a total of 16 nested interrupt
levels are supported.
On-chip factory firmware supports in-circuit download via the I2C
serial interface port, and nonintrusive emulation is supported via
the JTAG interface. These features are incorporated into a low cost
QuickStart™ development system supporting this MicroConverter®
family. The part contains a 16-bit PWM with five output signals.
For communication purposes, the part contains 2 × I2C channels that
can be individually configured for master or slave mode. An SPI
interface supporting both master and slave modes is also provided.
The parts operate from 2.7 V to 3.6 V and are specified over an
industrial temperature range of −40°C to +125°C. The ADuC7023 is
available in either a 32-lead or 40-lead LFCSP package. A 36-ball
wafer level CSP package (WLCSP) is also available.


Similar Part No. - ADUC7023BCPZ62I-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuC7023BCPZ62I-R7 AD-ADuC7023BCPZ62I-R7 Datasheet
1Mb / 96P
Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
Rev. E
More results

Similar Description - ADUC7023BCPZ62I-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7019 AD-ADUC7019 Datasheet
987Kb / 92P
Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
1/06-Rev. 0 to Rev. A
ADUC702X AD-ADUC702X_1 Datasheet
841Kb / 78P
Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrA
ADUC7124 AD-ADUC7124 Datasheet
1Mb / 96P
Precision Analog Microcontroller, 12-Bit Analog I/O, Large Memory, ARM7TDMI MCU with Enhanced IRQ Handler
REV. 0
ADUC7121 AD-ADUC7121 Datasheet
1Mb / 96P
Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
REV. 0
ADUC7024BSTZ62 AD-ADUC7024BSTZ62 Datasheet
1Mb / 104P
Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7023BCPZ62I AD-ADUC7023BCPZ62I Datasheet
1Mb / 96P
Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
Rev. E
ADUC7019 AD-ADUC7019_15 Datasheet
1Mb / 104P
Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7021 AD-ADUC7021_15 Datasheet
1Mb / 104P
Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7022 AD-ADUC7022_15 Datasheet
1Mb / 104P
Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7124 AD-ADUC7124_14 Datasheet
1Mb / 110P
Precision Analog Microcontroller, 12-Bit Analog I/O, Large Memory, ARM7TDMI MCU with Enhanced IRQ Handler
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com