Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC7023BCPZ62I-R7 Datasheet(PDF) 83 Page - Analog Devices

Part # ADUC7023BCPZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7023BCPZ62I-R7 Datasheet(HTML) 83 Page - Analog Devices

Back Button ADUC7023BCPZ62I-R7 Datasheet HTML 79Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 80Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 81Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 82Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 83Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 84Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 85Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 86Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 98 page
background image
Data Sheet
ADuC7023
Rev. H | Page 83 of 98
IRQCONN Register
The IRQCONN register is the IRQ and FIQ control register.
It contains two active bits. The first to enable nesting and
prioritization of IRQ interrupts and the other to enable
nesting and prioritization of FIQ interrupts.
If these bits are cleared, then FIQs and IRQs may still be used,
but it is not possible to nest IRQs or FIQs. Neither is it possible
to set an interrupt source priority level. In this default state, an
FIQ does have a higher priority than an IRQ.
Name:
IRQCONN
Address:
0xFFFF0030
Default value:
0x00000000
Access:
Read and write
Table 95. IRQCONN MMR Bit Designations
Bit
Name
Description
31 to 2
Reserved
These bits are reserved and should not be
written to.
1
ENFIQN
This bit is set to 1 to enable nesting of FIQ
interrupts.
This bit is cleared to mean no nesting or
prioritization of FIQs is allowed.
0
ENIRQN
This bit is set to 1 to enable nesting of IRQ
interrupts.
When this bit is cleared, it means no
nesting or prioritization of IRQs is
allowed.
IRQSTAN Register
If IRQCONN Bit 0 is asserted and IRQVEC is read then one of
these bits is asserted. The bit that asserts depends on the priority of
the IRQ. If the IRQ is of Priority 0, then Bit 0 asserts. If the IRQ is
of Priority 1, then Bit 1 asserts, and so forth. When a bit is set in
this register, all interrupts of that priority and lower are
blocked.
To clear a bit in this register, all bits of a higher priority must be
cleared first. It is only possible to clear one bit at a time. For
example, if this register is set to 0x09, then writing 0xFF changes
the register to 0x08, and writing 0xFF a second time changes the
register to 0x00.
Name:
IRQSTAN
Address:
0xFFFF003C
Default value:
0x00000000
Access:
Read and write
Table 96. IRQSTAN MMR Bit Designations
Bit
Name
Description
31 to 8
Reserved
These bits are reserved and should not be
written to.
7 to 0
This bit is set to 1 to enable nesting of FIQ
interrupts.
When this bit is cleared, it means no
nesting or prioritization of FIQs is
allowed.
FIQVEC Register
The FIQ interrupt vector register, FIQVEC, points to a memory
address containing a pointer to the interrupt service routine of
the currently active FIQ. This register should only be read when
an FIQ occurs and FIQ interrupt nesting has been enabled by
setting Bit 1 of the IRQCONN register.
Name:
FIQVEC
Address:
0xFFFF011C
Default value:
0x00000000
Access:
Read only
Table 97. FIQVEC MMR Bit Designations
Bit
Type
Initial
Value
Description
31 to 23
Read only
0
Always read as 0.
22 to 7
R/W
0
IRQBASE register value.
6 to 2
0
Highest priority source. This
is a value between 0 and 27
that represents the possible
interrupt sources. For
example, if the highest
currently active FIQ is
Timer 2, then these bits are
[00100].
1 to 0
Reserved
0
Reserved bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com