Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC7023BCPZ62I-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADUC7023BCPZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7023BCPZ62I-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADUC7023BCPZ62I-R7 Datasheet HTML 18Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 19Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 20Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 21Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 22Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 23Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 24Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 25Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 98 page
background image
ADuC7023
Data Sheet
Rev. H | Page 22 of 98
More information relative to the model of the programmer and
the ARM7TDMI core architecture can be found in ARM7TDMI
technical and ARM architecture manuals available directly from
ARM Ltd.
INTERRUPT LATENCY
The worst-case latency for a fast interrupt request (FIQ)
consists of the following: the longest time the request can take
to pass through the synchronizer, the time for the longest
instruction to complete (the longest instruction is an LDM)
that loads all the registers including the PC, and the time for the
data abort and FIQ entry.
At the end of this time, the ARM7TDMI executes the instruc-
tion at 0x1C (FIQ interrupt vector address). The maximum
total time is 50 processor cycles, which is just under 1.2 μs in a
system using a continuous 41.78 MHz processor clock.
The maximum interrupt request (IRQ) latency calculation is
similar but must allow for the fact that FIQ has higher priority
and could delay entry into the IRQ handling routine for an
arbitrary length of time. This time can be reduced to 42 cycles if
the LDM command is not used. Some compilers have an option
to compile without using this command. Another option is to run
the part in thumb mode where the time is reduced to 22 cycles.
The minimum latency for FIQ or IRQ interrupts is a total of
five cycles, which consist of the shortest time the request can
take through the synchronizer, plus the time to enter the
exception mode.
The ARM7TDMI always runs in ARM (32-bit) mode when in
privileged modes, for example, when executing interrupt
service routines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com