Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC7023BCPZ62I-R7 Datasheet(PDF) 97 Page - Analog Devices

Part # ADUC7023BCPZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7023BCPZ62I-R7 Datasheet(HTML) 97 Page - Analog Devices

Back Button ADUC7023BCPZ62I-R7 Datasheet HTML 90Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 91Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 92Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 93Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 94Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 95Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 96Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 97Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 98Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 97 / 98 page
background image
Data Sheet
ADuC7023
Rev. H | Page 97 of 98
ORDERING GUIDE
Model1
ADC
Channels
DAC
Channels
FLASH/
RAM
GPIO
Downloader
Temperature
Range
Package Description
Package
Option
Ordering
Quantity
ADuC7023BCP6Z62I
12
4
62 kB/8 kB
20
I2C
−40°C to +125°C
40-Lead LFCSP
CP-40-10
490
ADuC7023BCP6Z62IRL
12
4
62 kB/8 kB
20
I2C
−40°C to +125°C
40-Lead LFCSP
CP-40-10
2,500
ADuC7023BCP6Z62IR7
12
4
62 kB/8 kB
20
I2C
−40°C to +125°C
40-Lead LFCSP
CP-40-10
750
ADuC7023BCPZ62I
6
4
62 kB/8 kB
12
I2C
−40°C to +125°C
32-Lead LFCSP_
CP-32-11
490
ADuC7023BCPZ62I-RL
6
4
62 kB/8 kB
12
I2C
−40°C to +125°C
32-Lead LFCSP
CP-32-11
5,000
ADuC7023BCPZ62I-R7
6
4
62 kB/8 kB
12
I2C
−40°C to +125°C
32-Lead LFCSP
CP-32-11
1,500
ADuC7023BCBZ62I-R7
10
4
62 kB/8 kB
16
I2C
−40°C to +125°C
36-Ball WLCSP
CB-36-03
1,500
EVAL-ADuC7023QSPZ
ADuC7023
QuickStart Plus
Development System
Using 32-Pin
ADuC7023
EVAL-ADuC7023QSPZ1
ADuC7023
QuickStart Plus
Development System
Using 40-Pin
ADuC7023
EVAL-ADuC7023QSPZ2
ADuC7023
QuickStart Plus
Development System
Using 36-Ball
ADuC7023
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com