Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC7023BCPZ62I-R7 Datasheet(PDF) 57 Page - Analog Devices

Part # ADUC7023BCPZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7023BCPZ62I-R7 Datasheet(HTML) 57 Page - Analog Devices

Back Button ADUC7023BCPZ62I-R7 Datasheet HTML 53Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 54Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 55Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 56Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 57Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 58Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 59Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 60Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 98 page
background image
Data Sheet
ADuC7023
Rev. H | Page 57 of 98
Table 63. SPISTA MMR Bit Designations
Bit
Name
Description
15 to 12
Reserved bits.
11
SPIREX
SPI Rx FIFO excess bytes present.
This bit is set when there are more bytes in the Rx FIFO than indicated in the SPIMDE bits in SPICON.
This bit is cleared when the number of bytes in the FIFO is equal or less than the number in SPIMDE.
10 to 8
SPIRXFSTA[2:0]
SPI Rx FIFO status bits.
[000] = Rx FIFO is empty.
[001] = 1 valid byte in the FIFO.
[010] = 2 valid byte in the FIFO.
[011] = 3 valid byte in the FIFO.
[100] = 4 valid byte in the FIFO.
7
SPIFOF
SPI Rx FIFO overflow status bit.
This bit is set when the Rx FIFO is full when new data is loaded to the FIFO. This bit generates an interrupt
except when SPIRFLH is set in SPICON.
This bit is cleared when the SPISTA register is read.
6
SPIRXIRQ
SPI Rx IRQ status bit.
This bit is set when a receive interrupt occurs. This bit is set when SPITMDE in SPICON is cleared and the
required number of bytes have been received.
This bit is cleared when the SPISTA register is read.
5
SPITXIRQ
SPI Tx IRQ status bit.
This bit is set when a transmit interrupt occurs. This bit is set when SPITMDE in SPICON is set and the required
number of bytes have been transmitted.
This bit is cleared when the SPISTA register is read.
4
SPITXUF
SPI Tx FIFO underflow.
This bit is set when a transmit is initiated without any valid data in the Tx FIFO. This bit generates an interrupt
except when SPITFLH is set in SPICON.
This bit is cleared when the SPISTA register is read.
3 to 1
SPITXFSTA[2:0]
SPI Tx FIFO status bits.
[000] = Tx FIFO is empty.
[001] = 1 valid byte in the FIFO.
[010] = 2 valid byte in the FIFO.
[011] = 3 valid byte in the FIFO.
[100] = 4 valid byte in the FIFO.
0
SPIISTA
SPI interrupt status bit.
This bit is set to 1 when an SPI based interrupt occurs.
This bit is cleared after reading SPISTA.
SPIRX Register
Name:
SPIRX
Address:
0xFFFF0A04
Default value:
0x00
Access:
Read
Function:
This 8-bit MMR is the SPI receive register.
SPITX Register
Name:
SPITX
Address:
0xFFFF0A08
Default value:
0xXX
Access:
Write
Function:
This 8-bit MMR is the SPI transmit register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com