| Electronic Components Datasheet Search |
|
ADUC7023BCPZ62I-R7 Datasheet(PDF) 73 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADUC7023BCPZ62I-R7 Datasheet(HTML) 73 Page - Analog Devices |
|
73 / 98 page ![]() Data Sheet ADuC7023 Rev. H | Page 73 of 98 PULSE-WIDTH MODULATOR PULSE-WIDTH MODULATOR GENERAL OVERVIEW The ADuC7023 integrates a 5-channel pulse-width modulator (PWM) interface. The PWM outputs can be configured to drive an H-bridge or can be used as standard PWM outputs. On power-up, the PWM outputs default to H-bridge mode. This ensures that the motor is turned off by default. In standard PWM mode, the outputs are arranged as three pairs of PWM pins. Users have control over the period of each pair of outputs and over the duty cycle of each individual output. Table 84. PWM MMRs MMR Name Description PWMCON1 PWM Control Register 1. PWM0COM0 Compare Register 0 for PWM Output 0 and PWM Output 1. PWM0COM1 Compare Register 1 for PWM Output 0 and PWM Output 1. PWM0COM2 Compare Register 2 for PWM Output 0 and PWM Output 1. PWM0LEN Frequency control for PWM Output 0 and PWM Output 1. PWM1COM0 Compare Register 0 for PWM Output 2 and PWM Output 3. PWM1COM1 Compare Register 1 for PWM Output 2 and PWM Output 3. PWM1COM2 Compare Register 2 for PWM Output 2 and PWM Output 3. PWM1LEN Frequency control for PWM Output 2 and PWM Output 3. PWM2COM0 Compare Register 0 for PWM Output 4 PWM2COM1 Compare Register 1 for PWM Output 4 PWM2LEN Frequency control for PWM Output 4. PWMCLRI PWM interrupt clear. In all modes, the PWMxCOMx MMRs control the point at which the PWM outputs change state. An example of the first pair of PWM outputs (PWM0 and PWM1) is shown in Figure 40. HIGH SIDE (PWM0) LOW SIDE (PWM1) PWM0COM2 PWM0COM1 PWM0COM0 PWM0LEN Figure 40. PWM Timing The PWM clock is selectable via PWMCON1 with one of the following values: UCLK divided by 2, 4, 8, 16, 32, 64, 128, or 256. The length of a PWM period is defined by PWMxLEN. The PWM waveforms are set by the count value of the 16-bit timer and the compare registers contents, as shown with the PWM0 and PWM1 waveforms in Figure 40. The low-side waveform, PWM1, goes high when the timer count reaches PWM0LEN, and it goes low when the timer count reaches the value held in PWM0COM2 or when the high-side waveform (PWM0) goes low. The high-side waveform, PWM0, goes high when the timer count reaches the value held in PWM0COM0, and it goes low when the timer count reaches the value held in PWM0COM1. PWMCON1 Control Register Name: PWMCON1 Address: 0xFFFF0F80 Default value: 0x0012 Access: Read and write Function: This is a 16-bit MMR that configures the PWM outputs. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |