Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC7023BCPZ62I-R7 Datasheet(PDF) 59 Page - Analog Devices

Part # ADUC7023BCPZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7023BCPZ62I-R7 Datasheet(HTML) 59 Page - Analog Devices

Back Button ADUC7023BCPZ62I-R7 Datasheet HTML 55Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 56Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 57Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 58Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 59Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 60Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 61Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 62Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 98 page
background image
Data Sheet
ADuC7023
Rev. H | Page 59 of 98
Table 64. SPICON MMR Bit Designations
Bit
Name
Description
15 to
14
SPIMDE
SPI IRQ mode bits. These bits configure when the Tx/Rx interrupts occur in a transfer.
[00] = Tx interrupt occurs when one byte has been transferred. Rx interrupt occurs when one or more bytes have been
received into the FIFO.
[01] = Tx interrupt occurs when two bytes has been transferred. Rx interrupt occurs when two or more bytes have been
received into the FIFO.
[10] = Tx interrupt occurs when three bytes has been transferred. Rx interrupt occurs when three or more bytes have
been received into the FIFO.
[11] = Tx interrupt occurs when four bytes has been transferred. Rx interrupt occurs when the Rx FIFO is full or four
bytes present.
13
SPITFLH
SPI Tx FIFO flush enable bit.
This bit is set to flush the Tx FIFO. This bit does not clear itself and should be toggled if a single flush is required.
If this bit is left high, then either the last transmitted value or 0x00 is transmitted depending on the SPIZEN bit.
Any writes to the Tx FIFO are ignored while this bit is set.
This bit is cleared to disable Tx FIFO flushing.
12
SPIRFLH
SPI Rx FIFO flush enable bit.
This bit is set to flush the Rx FIFO. This bit does not clear itself and should be toggled if a single flush is required.
If this bit is set, all incoming data is ignored and no interrupts are generated.
If set and SPITMDE = 0, a read of the Rx FIFO initiates a transfer.
This bit is cleared to disable Rx FIFO flushing.
11
SPICONT
Continuous transfer enable.
This bit is set by the user to enable continuous transfer. In master mode, the transfer continues until no valid data is available in
the Tx register. SS is asserted and remains asserted for the duration of each 8-bit serial transfer until Tx is empty.
This bit is cleared by the user to disable continuous transfer. Each transfer consists of a single 8-bit serial transfer.
If valid data exists in the SPITX register, then a new transfer is initiated after a stall period of 1 serial clock cycle.
10
SPILP
Loop back enable bit.
This bit is set by the user to connect MISO to MOSI and test software.
This bit is cleared by the user to be in normal mode.
9
SPIOEN
Slave MISO output enable bit.
This bit is set for MISO to operate as normal.
This bit is cleared to disable the output driver on the MISO pin. The MISO pin is open-drain when this bit is clear.
8
SPIROW
SPIRX overflow overwrite enable.
This bit is set by the user; the valid data in the Rx register is overwritten by the new serial byte received.
This bit is cleared by the user; the new serial byte received is discarded.
7
SPIZEN
SPI transmit zeros when Tx FIFO is empty.
This bit is set to transmit 0x00 when there is no valid data in the Tx FIFO.
This bit is cleared to transmit the last transmitted value when there is no valid data in the Tx FIFO.
6
SPITMDE
SPI transfer and interrupt mode.
This bit is set by the user to initiate transfer with a write to the SPITX register. Interrupt only occurs when Tx is empty.
This bit is cleared by the user to initiate transfer with a read of the SPIRX register. Interrupt only occurs when Rx is full.
5
SPILF
LSB first transfer enable bit.
This bit is set by the user; the LSB is transmitted first.
This bit is cleared by the user; the MSB is transmitted first.
4
SPIWOM
SPI wired or mode enable bit.
This bit is set to 1 enable open-drain data output. External pull-ups are required on data out pins.
This bit is cleared for normal output levels.
3
SPICPO
Serial clock polarity mode bit.
This bit is set by the user; the serial clock idles high.
This bit is cleared by the user; the serial clock idles low.
2
SPICPH
Serial clock phase mode bit.
This bit is set by the user; the serial clock pulses at the beginning of each serial bit transfer.
This bit is cleared by the user; the serial clock pulses at the end of each serial bit transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com