Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC7023BCPZ62I-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADUC7023BCPZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7023BCPZ62I-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADUC7023BCPZ62I-R7 Datasheet HTML 22Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 23Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 24Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 25Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 26Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 27Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 28Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 29Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 98 page
background image
ADuC7023
Data Sheet
Rev. H | Page 26 of 98
Table 12. Timer Address Base = 0xFFFF0300
Address
Name
Byte
Access Type
Default Value1
Description
0x0300
T0LD
2
R/W
0x0000
Timer0 load register.
0x0304
T0VAL
2
R
0xFFFF
Timer0 value register.
0x0308
T0CON
2
R/W
0x0000
Timer0 control MMR.
0x030C
T0CLRI
1
W
0xXX
Timer0 interrupt clear register.
0x0320
T1LD
4
R/W
0x00000000
Timer1 load register.
0x0324
T1VAL
4
R
0xFFFFFFFF
Timer1 value register
0x0328
T1CON
4
R/W
0x00000000
Timer1 control MMR.
0x032C
T1CLRI
1
W
0xXX
Timer1 interrupt clear register.
0x0330
T1CAP
4
R
0x00000000
Timer1 capture register.
0x0360
T2LD
2
R/W
0x0000
Timer2 load register.
0x0364
T2VAL
2
R
0xFFFF
Timer2 value register.
0x0368
T2CON
2
R/W
0x0000
Timer2 control MMR.
0x036C
T2CLRI
1
W
0xXX
Timer2 interrupt clear register.
1 N/A means not applicable.
Table 13. PLL/PSM Base Address = 0xFFFF0400
Address
Name
Byte
Access
Type
Default Value1
Description
0x0404
POWKEY1
2
W
0xXXXX
POWCON0 prewrite key.
0x0408
POWCON0
1
R/W
0x00
Power control and core speed control register.
0x040C
POWKEY2
2
W
0xXXXX
POWCON0 postwrite key.
0x0410
PLLKEY1
2
W
0xXXXX
PLLCON prewrite key.
0x0414
PLLCON
1
R/W
0x21
PLL clock source selection MMR.
0x0418
PLLKEY2
2
W
0xXXXX
PLLCON postwrite key.
0x0434
POWKEY3
2
W
0xXXXX
POWCON1 prewrite key.
0x0438
POWCON1
2
R/W
0x0004
Power control and core speed control register.
0x043C
POWKEY4
2
W
0xXXXX
POWCON1 postwrite key.
0x0440
PSMCON
2
R/W
0x0008
Power supply monitor control register.
0x0444
CMPCON
2
R/W
0x0000
Comparator control register.
1 N/A means not applicable.
Table 14. Reference Base Address = 0xFFFF0480
Address:
0x048C
Name:
REFCON
Byte:
1
Access type:
Read/write
Default value:
0x00
Description:
Reference control register.
Table 15. ADC Address Base = 0xFFFF0500
Address
Name
Byte
Access
Type
Default Value
Description
0x0500
ADCCON
2
R/W
0x0600
ADC control MMR.
0x0504
ADCCP
1
R/W
0x00
ADC positive channel selection register.
0x0508
ADCCN
1
R/W
0x01
ADC negative channel selection register.
0x050C
ADCSTA
1
R
0x00
ADC status MMR.
0x0510
ADCDAT
4
R
0x00000000
ADC data output MMR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com