Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC7023BCPZ62I-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADUC7023BCPZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7023BCPZ62I-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADUC7023BCPZ62I-R7 Datasheet HTML 15Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 16Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 17Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 18Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 19Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 20Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 21Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 22Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 98 page
background image
Data Sheet
ADuC7023
Rev. H | Page 19 of 98
TYPICAL PERFORMANCE CHARACTERISTICS
0.5
0.6
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
0
500
1000
1500
2000
2500
3000
3500
4095
ADC CODES
SAMPLING RATE = 950kSPS
WORST CASE POSITIVE = 0.63, CODE = 2364
WORST CASE NEGATIVE = –0.46, CODE = 2363
Figure 10. Typical DNL, fADC = 950 kSPS, Internal Reference Used
0.6
0.4
0.2
0
–0.2
–0.6
–0.4
–0.8
–1.0
0
500
1000
1500
2000
2500
3000
3500
4095
ADC CODES
SAMPLING RATE = 950kSPS
WORST CASE POSITIVE = 0.57, CODE = 4063
WORST CASE NEGATIVE = –0.90, CODE = 3356
Figure 11. Typical INL, fADC = 950 kSPS, Internal Reference Used
0.6
0.5
0.4
0.3
0.2
0.1
–0.1
0
–0.2
–0.3
–0.4
–0.5
–0.6
0
500
1000
1500
2000
2500
3000
3500
4095
ADC CODES
SAMPLING RATE = 950kSPS
WORST CASE POSITIVE = 0.64, CODE = 3583
WORST CASE NEGATIVE = –0.61, CODE = 1830
Figure 12. Typical DNL, fADC = 950 kSPS, External 1.0 V Reference Used
1.2
1.0
0.8
0.6
0.4
0.2
–0.2
0
–0.4
–0.6
–0.8
–1.0
0
500
1000
1500
2000
2500
3000
3500
4095
ADC CODES
SAMPLING RATE = 950kSPS
WORST CASE POSITIVE = 1.09, CODE = 4032
WORST CASE NEGATIVE = –0.98, CODE = 3422
Figure 13. Typical INL, fADC = 950 kSPS, External 1.0 V Reference Used
20
0
–20
–40
–60
–80
–100
–200
–400
0
20,000
40,000
60,000
80,000
104,400
FREQUENCY (Hz)
Figure 14. SINAD, THD, and PHSN of ADC , Internal 2.5 V Reference Used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com