Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC7023BCPZ62I-R7 Datasheet(PDF) 72 Page - Analog Devices

Part # ADUC7023BCPZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7023BCPZ62I-R7 Datasheet(HTML) 72 Page - Analog Devices

Back Button ADUC7023BCPZ62I-R7 Datasheet HTML 68Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 69Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 70Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 71Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 72Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 73Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 74Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 75Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 98 page
background image
ADuC7023
Data Sheet
Rev. H | Page 72 of 98
Table 80. Feedback Configuration
Bit
Value
PLAELM0
PLAELM1 to PLAELM7
PLAELM8
PLAELM9 to PLAELM15
10 to 9
00
Element 15
Element 0
Element 7
Element 8
01
Element 2
Element 2
Element 10
Element 10
10
Element 4
Element 4
Element 12
Element 12
11
Element 6
Element 6
Element 14
Element 14
8 to 7
00
Element 1
Element 1
Element 9
Element 9
01
Element 3
Element 3
Element 11
Element 11
10
Element 5
Element 5
Element 13
Element 13
11
Element 7
Element 7
Element 15
Element 15
PLAADC Register
Name:
PLAADC
Address:
0xFFFF0B48
Default value:
0x00000000
Access:
Read/write
Function:
PLAADC is the PLA source for the ADC start
conversion signal.
Table 81. PLAADC MMR Bit Descriptions
Bit
Value
Description
31 to 5
Reserved.
4
ADC start conversion enable bit.
This bit is set by the user to enable ADC
start conversion from PLA.
This bit is cleared by the user to disable ADC
start conversion from PLA.
3 to 0
ADC start conversion source.
0000
PLA Element 0.
0001
PLA Element 1.
0010
PLA Element 2.
0011
PLA Element 3.
0100
PLA Element 4.
0101
PLA Element 5.
0110
PLA Element 6.
0111
PLA Element 7.
1000
PLA Element 8.
1001
PLA Element 9.
1010
PLA Element 10.
1011
PLA Element 11.
1100
PLA Element 12.
1101
PLA Element 13.
1110
PLA Element 14.
1111
PLA Element 15.
PLADIN Register
Name:
PLADIN
Address:
0xFFFF0B4C
Default value:
0x00000000
Access:
Read/write
Function:
PLADIN is a data input MMR for PLA.
Table 82. PLADIN MMR Bit Descriptions
Bit
Description
31 to 16
Reserved.
15 to 0
Input bit to Element 15 to Element 0.
PLADOUT Register
Name:
PLADOUT
Address:
0xFFFF0B50
Default value:
0x00000000
Access:
Read
Function:
PLADOUT is a data output MMR for PLA.
This register is always updated.
Table 83. PLADOUT MMR Bit Descriptions
Bit
Description
31 to 16
Reserved.
15 to 0
Output bit from Element 15 to Element 0.
PLALCK Register
Name:
PLALCK
Address:
0xFFFF0B54
Default value:
0x00
Access:
Write
Function:
PLALCK is a PLA lock option. Bit 0 is written
only once. When set, it does not allow
modifying any of the PLA MMRs, except
PLADIN. A PLA tool is provided in the
development system to easily configure PLA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com