Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC7023BCPZ62I-R7 Datasheet(PDF) 91 Page - Analog Devices

Part # ADUC7023BCPZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7023BCPZ62I-R7 Datasheet(HTML) 91 Page - Analog Devices

Back Button ADUC7023BCPZ62I-R7 Datasheet HTML 87Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 88Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 89Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 90Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 91Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 92Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 93Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 94Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 98 page
background image
Data Sheet
ADuC7023
Rev. H | Page 91 of 98
GROUNDING AND BOARD LAYOUT
RECOMMENDATIONS
As with all high resolution data converters, special attention
must be paid to grounding and PC board layout of the
ADuC7023-based designs to achieve optimum performance
from the ADCs and DACs.
Although the parts have separate pins for analog and digital
ground (AGND and DGND), the user must not tie these to two
separate ground planes unless the two ground planes are
connected very close to the part. This is illustrated in the simplified
example shown in Figure 50a. In systems where digital and analog
ground planes are connected together somewhere else (at the
system power supply, for example), the planes cannot be
reconnected near the part because a ground loop would result. In
these cases, tie all the ADuC7023 AGND and DGND pins to the
analog ground plane, as illustrated in Figure 50b. In systems with
only one ground plane, ensure that the digital and analog
components are physically separated onto separate halves of the
board so that digital return currents do not flow near analog
circuitry (and vice versa).
The ADuC7023 can then be placed between the digital and
analog sections, as illustrated in Figure 50c.
a.
PLACE ANALOG
COMPONENTS HERE
PLACE DIGITAL
COMPONENTS HERE
AGND
DGND
b.
PLACE ANALOG
COMPONENTS
HERE
PLACE DIGITAL
COMPONENTS HERE
AGND
DGND
c.
PLACE ANALOG
COMPONENTS HERE
PLACE DIGITAL
COMPONENTS HERE
DGND
Figure 50. System Grounding Schemes
In all of these scenarios, and in more complicated real-life
applications, users should pay particular attention to the flow of
current from the supplies and back to ground. Make sure the
return paths for all currents are as close as possible to the paths
the currents took to reach their destinations.
For example, do not power components on the analog side (as
seen in Figure 50b) with IOVDD because that would force return
currents from IOVDD to flow through AGND. Avoid digital
currents flowing under analog circuitry, which can occur if a
noisy digital chip is placed on the left half of the board (shown
in Figure 50c). If possible, avoid large discontinuities in the
ground plane(s) such as those formed by a long trace on the same
layer, because they force return signals to travel a longer path. In
addition, make all connections to the ground plane directly,
with little or no trace separating the pin from its via to ground.
When connecting fast logic signals (rise/fall time < 5 ns) to any of
the ADuC7023 digital inputs, add a series resistor to each
relevant line to keep rise and fall times longer than 5 ns at the
input pins of the part. A value of 100 Ω or 200 Ω is usually
sufficient enough to prevent high speed signals from coupling
capacitively into the part and affecting the accuracy of ADC
conversions.
CLOCK OSCILLATOR
The clock source for the ADuC7023 can be generated by the
internal PLL or by an external clock input. To use the internal
PLL, connect a 32.768 kHz parallel resonant crystal between
XCLKI and XCLKO, and connect a capacitor from each pin to
ground, as shown in Figure 51. The crystal allows the PLL to
lock correctly to give a frequency of 41.78 MHz. If no external
crystal is present, the internal oscillator is used to give a typical
frequency of 41.78 MHz ± 3%.
ADuC7023
TO
INTERNAL
PLL
12pF
XCLKI
32.768kHz
12pF
XCLKO
Figure 51. External Parallel Resonant Crystal Connections
To use an external source clock input instead of the PLL (see
Figure 52), Bit 1 and Bit 0 of PLLCON must be modified. The
external clock uses P1.1 and XCLK.
ADuC7023
TO
FREQUENCY
DIVIDER
XCLKO
XCLKI
XCLK
EXTERNAL
CLOCK
SOURCE
Figure 52. Connecting an External Clock Source
Using an external clock source, the ADuC7023 specified
operational clock speed range is 50 kHz to 44 MHz ± 1%, which
ensures correct operation of the analog peripherals and Flash/EE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com