Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC7023BCPZ62I-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADUC7023BCPZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7023BCPZ62I-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADUC7023BCPZ62I-R7 Datasheet HTML 28Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 29Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 30Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 31Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 32Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 33Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 34Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 35Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 98 page
background image
ADuC7023
Data Sheet
Rev. H | Page 32 of 98
TYPICAL OPERATION
When configured via the ADC control and channel selection
registers, the ADC converts the analog input and provides a
12-bit result in the ADC data register.
The top four bits are the sign bits. The 12-bit result is placed
from Bit 16 to Bit 27 as shown in Figure 22. Note that in fully
differential mode, the result is represented in twos complement
format. In single-ended mode, the result is represented in
straight binary format.
SIGN BITS
12-BIT ADC RESULT
31
27
16 15
0
Figure 22. ADC Result Format
The same format is used in DACxDAT, simplifying the software.
Current Consumption
The ADC in standby mode, that is, powered up but not
converting, typically consumes 640 μA. The internal reference
adds 140 μA. During conversion, the extra current is 0.3 μA
multiplied by the sampling frequency (in kHz).
Timing
Figure 23 gives details of the ADC timing. Users control the
ADC clock speed and the number of acquisition clocks in the
ADCCON MMR. By default, the acquisition time is eight
clocks, and the clock divider is two. The number of extra clocks
(such as bit trial or write) is set to 19, which gives a sampling
rate of 774 kSPS. For conversion on the temperature sensor, set
ADCCON = 0x37A3. When using multiple channels including
the temperature sensor, the timing settings revert to the user-
defined settings after reading the temperature sensor channel.
ADC CLOCK
ACQ
BIT TRIAL
DATA
ADCSTA = 0
ADCSTA = 1
ADC INTERRUPT
WRITE
CONVSTART
ADCBUSY
ADCDAT
Figure 23. ADC Timing
MMR INTERFACE
The ADC is controlled and configured via the eight MMRs
described in this section.
ADCCON Register
Name:
ADCCON
Address:
0xFFFF0500
Default value:
0x0600
Access:
Read/write
Function:
ADCCON is an ADC control register
that allows the programmer to enable the
ADC peripheral, select the mode of
operation of the ADC (either in single-
ended mode or fully differential mode),
and select the conversion type. This MMR
is described in Table 24.
Table 24. ADCCON MMR Bit Designations
Bit
Value
Description
15 to 14
Reserved.
13
Temperature sensor conversion enable. Set to 1 for temperature sensor conversions and single
software conversions. Set to 0 for normal ADC conversions.
12 to 10
ADC clock speed.
000
fADC/1. This divider is provided to obtain 1 MSPS ADC with an external clock <41.78 MHz.
001
fADC/2 (default value).
010
fADC/4.
011
fADC/8.
100
fADC/16.
101
fADC/32.
9 to 8
ADC acquisition time.
00
2 clocks.
01
4 clocks.
10
8 clocks (default value).
11
16 clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com