Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC7023BCPZ62I-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADUC7023BCPZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7023BCPZ62I-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADUC7023BCPZ62I-R7 Datasheet HTML 29Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 30Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 31Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 32Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 33Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 34Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 35Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 36Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 98 page
background image
Data Sheet
ADuC7023
Rev. H | Page 33 of 98
Bit
Value
Description
7
Enable start conversion.
This bit is set by the user to start any type of conversion command.
This bit is cleared by the user to disable a start conversion (clearing this bit does not stop the ADC
when continuously converting).
6
Reserved
5
ADC power control.
This bit is set by the user to place the ADC in normal mode (the ADC must be powered up for at least
5 μs before it converts correctly).
This bit is cleared by the user to place the ADC in power-down mode.
4 to 3
Conversion mode.
00
Single-ended mode.
01
Differential mode.
10
Reserved.
11
Reserved.
2 to 0
Conversion type.
000
Enable CONVSTART pin as a conversion input.
001
Enable Timer1 as a conversion input.
010
Enable Timer0 as a conversion input.
011
Single software conversion. This bit is set to 000 after conversion (note that Bit 13 of the ADCCON
MMR should be set before starting a single software conversion to avoid further conversions
triggered by the CONVSTART pin).
100
Continuous software conversion.
101
PLA conversion.
Other
Reserved.
ADCCP Register
Name:
ADCCP
Address:
0xFFFF0504
Default value:
0x00
Access:
Read/write
Function:
ADCCP is an ADC positive channel
selection register. This MMR is described in
Table 25.
Table 25. ADCCP MMR Bit Designation
Bit
Value
Description
7 to 5
Reserved.
4 to 0
Positive channel selection bits.
00000
ADC0.
00001
ADC1.
00010
ADC2.
00011
ADC3.
00100
ADC41.
00101
ADC51.
00110
ADC61.
00111
ADC71.
01000
ADC81.
01001
ADC91.
01010
ADC101.
01011
Reserved.
01100
ADC121.
01101
Reserved
01110
DAC0
01111
DAC1
10000
Temperature sensor.
10001
AGND (self-diagnostic feature).
10010
Internal reference (self-diagnostic feature).
10011
AVDD/2.
Others
Reserved.
1 When a selected ADC channel is shared with one GPIO, by default, this pin is
configured with a weak pull-up resistor enabled. The pull-up resistor should
be disabled manually in the appropriate GPxPAR register. Note the internal
pull-up resistor on P2.0/AIN12 for 40-lead package cannot be disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com