Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC7023BCPZ62I-R7 Datasheet(PDF) 90 Page - Analog Devices

Part # ADUC7023BCPZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7023BCPZ62I-R7 Datasheet(HTML) 90 Page - Analog Devices

Back Button ADUC7023BCPZ62I-R7 Datasheet HTML 86Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 87Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 88Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 89Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 90Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 91Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 92Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 93Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 94Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 98 page
background image
ADuC7023
Data Sheet
Rev. H | Page 90 of 98
HARDWARE DESIGN CONSIDERATIONS
POWER SUPPLIES
The ADuC7023 operational power supply voltage range is 2.7 V
to 3.6 V. Separate analog and digital power supply pins (AVDD
and IOVDD, respectively) allow AVDD to be kept relatively free of
noisy digital signals often present on the system IOVDD line. In
this mode, the part can also operate with split supplies, that is,
it can use different voltage levels for each supply. For example,
the system can be designed to operate with an IOVDD voltage
level of 3.3 V while the AVDD level can be at 3 V, or vice versa.
A typical split supply configuration is shown in Figure 46.
ADuC7023
IOVDD
AVDD
GNDREF
AGND
IOGND
0.1µF
0.1µF
0.1µF
10µF
10µF
DIGITAL SUPPLY
ANALOG SUPPLY
Figure 46. External Dual Supply Connections
As an alternative to providing two separate power supplies, the
user can reduce noise on AVDD by placing a small series resistor
and/or ferrite bead between AVDD and IOVDD, and then decoupling
AVDD separately to ground. An example of this configuration is
shown in Figure 47. With this configuration, other analog circuitry
(such as op amps, voltage reference, and others) can be powered
from the AVDD supply line as well.
ADuC7023
IOVDD
AVDD
GNDREF
AGND
REFGND
IOGND
0.1µF
0.1µF
0.1µF
1.6V
10µF
0.1µF
DIGITAL SUPPLY
BEAD
10µF
Figure 47. External Single Supply Connections
In both Figure 46 and Figure 47, a large value (10 μF) reservoir
capacitor sits on IOVDD, and a separate 10 μF capacitor sits on
AVDD. In addition, local small-value (0.1 μF) capacitors are located
at each AVDD and IOVDD pin of the chip. As per standard design
practice, include all of these capacitors and ensure the smaller
capacitors are close to each AVDD pin with trace lengths as
short as possible. Connect the ground terminal of each of
these capacitors directly to the underlying ground plane.
Finally, the analog and digital ground pins on the ADuC7023
must be referenced to the same system ground reference point
at all times.
IOVDD Supply Sensitivity
The IOVDD supply is sensitive to high frequency noise because
it is the supply source for the internal oscillator and PLL
circuits. When the internal PLL loses lock, the clock source is
removed by a gating circuit from the CPU, and the
ARM7TDMI core stops executing code until the PLL regains
lock. This feature is to ensure that no flash interface timings or
ARM7TDMI timings are violated.
Typically, frequency noise greater than 50 kHz and 50 mV p-p
on top of the supply causes the core to stop working.
If decoupling values recommended in the Power Supplies section
do not sufficiently dampen all noise soures below 50 mV on
IOVDD, a filter such as the one shown in Figure 48 is
recommended.
ADuC7023
IOVDD
IOGND
0.1µF
0.1µF
10µF
1µH
DIGITAL
SUPPLY
Figure 48. Recommended IOVDD Supply Filter
Linear Voltage Regulator
Each ADuC7023 requires a single 3.3 V supply, but the core
logic requires a 2.6 V supply. An on-chip linear regulator generates
the 2.6 V from IOVDD for the core logic. The LVDD pin is the 2.6 V
supply for the core logic. An external compensation capacitor
of 0.47 F must be connected between LVDD and DGND (as
close as possible to these pins) to act as a tank of charge, as
shown in Figure 49.
ADuC7023
LVDD
DGND
0.47µF
Figure 49. Voltage Regulator Connections
The LVDD pin should not be used for any other chip. It is also
recommended to use excellent power supply decoupling on
IOVDD to help improve line regulation performance of the
on-chip voltage regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com